Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3TC-IAC5 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3TC-IAC5
Description  Solid State Relays for Industrial I/O
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3TC-IAC5 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3TC-IAC5 Datasheet HTML 1Page - Omron Electronics LLC G3TC-IAC5 Datasheet HTML 2Page - Omron Electronics LLC G3TC-IAC5 Datasheet HTML 3Page - Omron Electronics LLC G3TC-IAC5 Datasheet HTML 4Page - Omron Electronics LLC G3TC-IAC5 Datasheet HTML 5Page - Omron Electronics LLC G3TC-IAC5 Datasheet HTML 6Page - Omron Electronics LLC G3TC-IAC5 Datasheet HTML 7Page - Omron Electronics LLC G3TC-IAC5 Datasheet HTML 8Page - Omron Electronics LLC G3TC-IAC5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
396
Solid State Relays for Industrial I/O
G3TC
■ Typical Applications
• HVAC, refrigeration equipment
• Automation controls
• Injection molding machines
• Packaging equipment
■ I/O Classification by Color
Specifications
■ Common Characteristics
Insulation resistance
100 M
Ω min at 500 VDC
Dielectric strength
4000 VAC, 50/60 Hz for 1 minute between input and output
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Malfunction: 1,000 m/s2
Ambient temperature
Operating: -30
°C to 80°C with no icing or condensation
Storage: -30
°C to 100°C with no icing or condensation
Ambient humidity
Operating: 45% to 85%
Approved standards
UL Recognized, CSA Certified, EN60950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com