Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EY3A-1081 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EY3A-1081
Description  Single Beam Sensor (1 Beam: 80 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EY3A-1081 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EY3A-1081 Datasheet HTML 1Page - Omron Electronics LLC EY3A-1081 Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single Beam Sensor (1 Beam: 80 mm)
EY3A-1081
133
■ Characteristics (Paper Table Glass: t = 6 mm max., Transparency Rate: 90% min.)
(Ta =0
° C to 60° C)
Note: 1. The data shown are initial data.
2. Optical darkness (OD) is defined by the following formula:
P
IN (mW):Light power incident upon the document
P
OUT (mW):Reflected light power from the document
■ Optical Path Arrangement
Note: 1. The part with oblique lines indicates the paper sensing area of the EY3A-1081, which is practically determined by the diameter of the
beam and its tolerance.
2. The non-sensing distance of the EY3A-1081 is determined using a paper with an OD of 0.05.
■ Engineering Data
Item
Characteristic value
Sensing density
Lusterless paper with an OD of 0.7 max. (sensing distance: 80 mm) (see note)
Non-sensing distance
120 mm (from the top of the sensor), OD: 0.05
Paper sensing distance
80 mm (from the top of the sensor)
Ambient illumination
Sunlight: 3,000 lx max., fluorescent light: 2,000 lx max.
OD =
− log
10
POUT
PIN
10 dia. (see note 1)
Paper supporting plate
Glass
120 (see note 2)
80 (Standard value)
4.75 V
5.0 V
5.25 V
Distance Characteristics (Typical)
Distance (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com