Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3S4YR-HNF Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 3S4YR-HNF
Description  Manual Swipe Magnetic Card Reader
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3S4YR-HNF Datasheet(HTML) 2 Page - Omron Electronics LLC

  3S4YR-HNF Datasheet HTML 1Page - Omron Electronics LLC 3S4YR-HNF Datasheet HTML 2Page - Omron Electronics LLC 3S4YR-HNF Datasheet HTML 3Page - Omron Electronics LLC 3S4YR-HNF Datasheet HTML 4Page - Omron Electronics LLC 3S4YR-HNF Datasheet HTML 5Page - Omron Electronics LLC 3S4YR-HNF Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3S4YR-HNF
3S4YR-HNF
4
Specifications
Part number
HNF
Recommended card type
ISO 7810, 7811-1 to -5, 7812 & 7813
Recording method
F2F
Swipe direction
Reads in either direction
Communication protocol
Unidirectional (response only) or Bidirectional (command/response)
Card feeding speed
100 to 1,000 mm/sec. (200 to 1,000 mm/sec. for 3 track stripe card)
Interface connector
D--sub 9--pin (female) Bidirectional units also have PS/2 connector (mini-din 6-pin)
Mounting location
Indoors; away from rain, sunlight and dust
Power supply
Unidirectional: powered from RS-232C port
Bidirectional: powered from keyboard port
Current consumption
Unidirectional, 12 mA dual track, 16 mA triple track
Ambient temperature
Operation
0 to 45_C (32 to 113_F)
Storage
--15 to 60_C (5 to 140_F)
Ambient humidity
Operation
30 to 85% RH, with no condensation and absolute air humidity of 23 g/m3 or less
Storage
20 to 90% RH, with no condensation and absolute air humidity of 40 g/m3 or less
Vibration endurance
10 to 150 Hz, single vibration width of 0.15 mm or an acceleration of 19.6 m/s2 (2 G)
Shock endurance
196 m/s2 (20 G)
Cable length
1500 mm (59.06)
Dimensions
100 L x 38.6 W x 35.2 H mm (3.94 L x 1.52 W x 1.39 H in)
Weight
Approx. 185 g (6.53 oz)
Service life
300,000 passes minimum
I/O Information
J
INTERFACE CONNECTOR
D-Sub 9-pin (female). Bidirectional uses 6-pin mini-din (male and female)
J
INTERFACE METHOD
Conforms to EIA RS-232C
Transmission speed: 9600 bps
Communication method: Half-duplex
Synchronizing method: Start-stop synchronization
Data bit length: 8 bits
Error detection: Even parity
Stop bit: 1 bit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com