Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB192 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSB192
Description  Single Phase Rectifier Bridges
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSB192 Datasheet(HTML) 1 Page - Powersem GmbH

  PSB192 Datasheet HTML 1Page - Powersem GmbH PSB192 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
 2005 POWERSEM reserves the right to change limits, test conditions and dimensions
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
Single Phase
PSB 192
IdAV
= 174 A
Rectifier Bridges
VRRM
= 800-1800 V
Preliminary Data Sheet
VRSM
V
VRRM
V
Type
800
800
PSB 192/08
1200
1200
PSB 192/12
1400
1400
PSB 192/14
1600
1600
PSB 192/16
1800
1800
PSB 192/18
Symbol Test Conditions
Maximum Ratings
IdAV
TC = 100°C, module
174
A
IFSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
2800
A
VR = 0
t = 8.3 ms (60 Hz), sine
3300
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
2500
A
VR = 0
t = 8.3 ms (60 Hz), sine
2750
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
39200
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
45000
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
31200
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
31300
A
2 s
TVJ
-40 ... + 150
°C
TVJM
150
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
∼
IISOL ≤ 1 mA
t = 1 s
3000
V
∼
Md
Mounting torque
(M6)
5
Nm
Terminal connection torque
(M6)
5
Nm
Weight
typ.
270
g
Symbol Test Conditions
Characteristic Value
IR
VR = VRRM
TVJ = 25°C
≤
0.3
mA
VR = VRRM
TVJ = TVJM
≤
5
mA
VF
IF = 150 A
TVJ = 25°C
≤
1.43
V
VTO
For power-loss calculations only
0.8
V
rT
TVJ = TVJM
2.2
m
Ω
RthJC
per diode; DC current
0.45
K/W
per module
0.11
K/W
RthJK
per diode; DC current
0.6
K/W
per module
0.15
K/W
dS
Creeping distance on surface
10
mm
dA
Creeping distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s
2
Features
• Package with screw terminals
• Isolation voltage 3000 V∼
• Planar glasspassivated chips
• Blocking voltage up to 1800 V
• Low forward voltage drop
• UL registered E 148688
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power
cycling capability
Package, style and outline
Dimensions in mm (1mm = 0.0394“)
~
~


Similar Part No. - PSB192

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB19F POWERSEM-PSB19F Datasheet
158Kb / 1P
Single Phase Rectifier Bridge
PSB19F POWERSEM-PSB19F Datasheet
158Kb / 1P
Single Phase Rectifier Bridge
PSB19F-06 POWERSEM-PSB19F-06 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge
PSB19F-12 POWERSEM-PSB19F-12 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge
PSB19F04 POWERSEM-PSB19F04 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge (FRED)
More results

Similar Description - PSB192

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB31 POWERSEM-PSB31 Datasheet
102Kb / 1P
Single Phase Rectifier Bridges
PSB41 POWERSEM-PSB41 Datasheet
158Kb / 2P
Single Phase Rectifier Bridges
PSB50 POWERSEM-PSB50 Datasheet
119Kb / 1P
Single Phase Rectifier Bridges
PSB51 POWERSEM-PSB51 Datasheet
168Kb / 2P
Single Phase Rectifier Bridges
PSB61 POWERSEM-PSB61 Datasheet
169Kb / 2P
Single Phase Rectifier Bridges
PSB62 POWERSEM-PSB62 Datasheet
177Kb / 2P
Single Phase Rectifier Bridges
PSB75 POWERSEM-PSB75 Datasheet
172Kb / 2P
Single Phase Rectifier Bridges
PSB105 POWERSEM-PSB105 Datasheet
168Kb / 2P
Single Phase Rectifier Bridges
PSB112 POWERSEM-PSB112 Datasheet
181Kb / 2P
Single Phase Rectifier Bridges
logo
Inchange Semiconductor ...
PSB62-16 ISC-PSB62-16 Datasheet
340Kb / 2P
Single Phase Rectifier Bridges
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com