Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2328A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC2328A
Description  AUDIO POWER AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2328A Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC2328A Datasheet HTML 1Page - Unisonic Technologies 2SC2328A Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC 2SC2328A
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R211-008,A
TYPICAL CHARACTERISTIC CURVES
0
2468
10
12
14
16
0
200
400
600
800
1000
1200
1400
IB=7mA
IB=6mA
IB=5mA
IB=4mA
IB=3mA
IB=2mA
IB=1mA
VCE(V),COLLECTOR-EMITTER VOLTAGE
FIG.1 STATIC CHARACTERISTIC
0 0.2
0.4
0.6
0.8
1.0
1.2
0
200
400
600
800
1000
1200
1400
VBE(V),BASE-EMITTER VOLTAGE
FIG.2 BASE-EMITTER ON VLOTAGE
1.4
VCE=2V
1
3
10
30 100 300 1000
3000
10
30
50
100
300
500
1000
Ic(mA),COLLECTOR CURRENT
FIG.3 DC CURRENT GAIN
VCE=2V
1
3
10
30 100 300 1000
3000
0.01
0.03
0.05
0.1
0.3
0.5
1
Ic(mA),COLLECTOR CURRENT
FIG.4 COLLECTOR-EMITTER SATURATION VOLTAGE
Ic=50lB
Ta=25°C
3
0
20
40
60
80 100 120 140
160
0
0.2
0.4
0.6
0.8
1.0
1.2
Ta(°C),AMBIENT TEMPERATURE
FIG.5 POWER DERATING
0.3
0.01
VCE(V), COLLECTOR EMITTER VOLTAGE
FIG.6 SAFE OPERATING AREA
0.5
1
0.1
3
5
10
30
0.03
0.05
0.1
0.3
0.5
1
3
5
50 100
Ic(MAX)
Ic(MAX) PULSE
Ta=25°C
D.C
OPERATION
1s
1ms
VCEO MAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com