Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8JN-1C7T-R-DC12 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8JN-1C7T-R-DC12
Description  Automotive Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8JN-1C7T-R-DC12 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8JN-1C7T-R-DC12 Datasheet HTML 1Page - Omron Electronics LLC G8JN-1C7T-R-DC12 Datasheet HTML 2Page - Omron Electronics LLC G8JN-1C7T-R-DC12 Datasheet HTML 3Page - Omron Electronics LLC G8JN-1C7T-R-DC12 Datasheet HTML 4Page - Omron Electronics LLC G8JN-1C7T-R-DC12 Datasheet HTML 5Page - Omron Electronics LLC G8JN-1C7T-R-DC12 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Automotive Relay
G8JN
1
Automotive Relay
G8JN
General Purpose Automotive Power Relay
• Wide temperature range: -40
° C to 125° C.
• Standard ISO terminal footprint.
• Handles heavy automotive load; inrush current 100 A.
• High current path fully welded; reduces heat buildup at full
load.
• Made in North America.
Ordering Information
Specifications
■ Contact Data
■ Coil Data
Note: Coil resistance specified is without the suppression resistor.
Terminal type
Contact form
Cover
Resistor
Bracket
Model
Plug in
SPDT
Standard
---
---
G8JN-1C7T-DC12
---
Molded plastic
G8JN-1C7T-MF-DC12
680
Ω
---
G8JN-1C7T-R-DC12
680
Ω
Molded plastic
G8JN-1C7T-MF-R-DC12
Weatherproof
---
---
G8JN-1C6T-DC12
680
Ω
---
G8JN-1C6T-R-DC12
680
Ω
Metal
G8JN-1C6T-F-R-DC12
---
Metal
G8JN-1C6T-F-DC12
Max. resistive load
SPDT
35 A (NO) / 20 A (NC)
Contact voltage drop (Initial value at 23
° C)
≤200 mV (NO) / ≤100 mV (NC)
Max. inrush current
Inductive load
100 A (NO) / 40 A (NC)
Rated voltage
12 VDC
Operating voltage
10-16 VDC
Coil resistance (see note)
74
Ω ± 15%
Pick-up voltage
8 V (23
° )
Dropout voltage
1 V at 23
° C


Similar Part No. - G8JN-1C7T-R-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8JN-1C7T-R-DC12 OMRON-G8JN-1C7T-R-DC12 Datasheet
185Kb / 6P
Automotive Relay
More results

Similar Description - G8JN-1C7T-R-DC12

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
Automotive Relay
logo
Hongfa Technology
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
Automotive Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com