Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8P-1A4TP Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8P-1A4TP
Description  Power PCB Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8P-1A4TP Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8P-1A4TP Datasheet HTML 1Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 2Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 3Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 4Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 5Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 6Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 7Page - Omron Electronics LLC G8P-1A4TP Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
226
Power PCB Relay
G8PT
■ Coil Data
Note: The rated current and coil resistance are measured at a coil temperature of 23
°C (73°F) with tolerances of ±10%.
■ Characteristics
Note: 1. Data shown are of initial value. Operate and release times excluding bounce.
2. Please vent sealed relays after processing in order to achieve rated electrical service life, by removing the vent nib.
■ Characteristic Data
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
% of rated voltage
5
185
27
75% max.
10% min.
120% max.
Approx. 900
993
97
12
77
155
24
36
660
48
19
2,480
110
9
12,400
Contact resistance
100 m
Ω max. (measured with 5 VDC, 1 A)
Operate time
15 ms. max.
Release time
10 ms. max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 minute (coil to contacts),
1,500 VAC, 50/60 Hz for 1 minute (between contacts)
Impulse surge withstand
6,000 V between coil to contacts (1.2
μs/50 μs & 100 kHz ring wave per IEC 1000-4-12)
Vibration
Mechanical durability 10 to 55 Hz, 1.65 mm (0.06 in) double amplitude for 2 hours
Malfunction durability 10 to 55 Hz, 1.65 mm (0.06 in) double amplitude for 5 minutes
Shock
Mechanical durability 1,000 m/s2 (approx. 100 G)
Malfunction durability 100 m/s2 (approx. 10 G)
Ambient temperature
-55
° to 105°C, cold coil condition (with no icing)
-55
° to 85°C, hot coil condition (hot start) (with no icing)
Humidity
5% to 85% RH
Service life
Mechanical
10 million operations minimum
Electrical
100,000 operations, 360 ops/hr, at rated load (minimum)
Maximum switching capacity
SPST-NO
Rated operating voltage (V)
SPDT
Rated operating voltage (V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com