Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8V-RH-1A7T-R-DC12 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8V-RH-1A7T-R-DC12
Description  High-Current Micro 280 Automotive Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8V-RH-1A7T-R-DC12 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8V-RH-1A7T-R-DC12 Datasheet HTML 1Page - Omron Electronics LLC G8V-RH-1A7T-R-DC12 Datasheet HTML 2Page - Omron Electronics LLC G8V-RH-1A7T-R-DC12 Datasheet HTML 3Page - Omron Electronics LLC G8V-RH-1A7T-R-DC12 Datasheet HTML 4Page - Omron Electronics LLC G8V-RH-1A7T-R-DC12 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PNSPO®!
High-Current Micro 280 Automotive Relay
G8V-RH
•
Available in both SPST and SPDT versions
•
Miniaturized package (reduced outer length and width)
•
L x W x H = 22.5 x 15 x 25 mm nominal
•
280 terminal type
•
Fully automated assembly
•
Made in Canada
Available Types
Type
Description
G8V-RH-1A7T-R-DC12
High-Current Micro 280 SPST Plug-In with Resistor
G8V-RH-1C7T-R-DC12
High-Current Micro 280 SPDT Plug-In with Resistor
Contact Data
Typical Switching Current
Inrush 90A, Steady State 35A (N.O.) / Inrush 60A, Steady
State 20A (N.C.)
Max Switching Voltage
16V
Min. Carry / Switching Current
1A
Contact Material
Silver Tin Oxide (Cadmium Free)
Coil Ratings (at 20°C)
Type
Rated
Voltage
Coil
Resistance
±10%
Coil Resistance
w/ 1.1K
Ω suppression
±10%
Nominal
Power
Consumption*
Pull in
Voltage
Dropout
Voltage
G8V-RH-1A7T-
R-DC12 /
G8V-RH-1C7T-
R-DC12
12VDC
84 - 124
Ω
75 - 105
Ω
1.6 W
< 7.5 V
> 1.0 V
* Power consumption includes suppression resistor. Power consumption will decrease without
coil suppression.
Typical Applications
Motor Load:
N.O. side: 240W Cooling Fan, 150W Cooling Fan
N.O. and N.C. side: 240W Series / Parallel Fan
Lamp Load:
Brake Lamp with Parallel Resistance
Resistive Load:
N.O. and N.C. side
PNSPO®
G8V-RH Rev A
Page 1 of 5
Copyright
© 2003 Omron


Similar Part No. - G8V-RH-1A7T-R-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8V-RH-1A7T-R OMRON-G8V-RH-1A7T-R Datasheet
340Kb / 3P
High current Micro 280 terminal layout
More results

Similar Description - G8V-RH-1A7T-R-DC12

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ACV11012 NAIS-ACV11012 Datasheet
134Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
logo
American Zettler, Inc.
AZ984 AZETTLER-AZ984 Datasheet
90Kb / 2P
20 AMP 280-ISO AUTOMOTIVE RELAY
AZ986 AZETTLER-AZ986 Datasheet
114Kb / 3P
40 AMP 280-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8W OMRON-G8W Datasheet
168Kb / 4P
Mini-280 Automotive Relay
G8VA OMRON-G8VA Datasheet
444Kb / 2P
Automotive low profile micro 280 terminal layout relay
logo
American Electronic Com...
DG91 AEC-DG91 Datasheet
275Kb / 3P
micro 280 automotive relay
logo
Picker Components
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
micro 280 automotive relay
logo
Omron Electronics LLC
G8HE OMRON-G8HE Datasheet
151Kb / 3P
High-Current Micro ISO Automotive Relay
G8V-RH OMRON-G8V-RH_V01 Datasheet
340Kb / 3P
High current Micro 280 terminal layout
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com