Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM4M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XM4M
Description  DVI Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM4M Datasheet(HTML) 2 Page - Omron Electronics LLC

  XM4M Datasheet HTML 1Page - Omron Electronics LLC XM4M Datasheet HTML 2Page - Omron Electronics LLC XM4M Datasheet HTML 3Page - Omron Electronics LLC XM4M Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
DVI Connectors
XM4M
Dimensions (Unit: mm)
■ Precautions
Automated Soldering
Soldering
Automated Soldering Conditions (Jet Flow)
1. Soldering temperature: 250 ±5
°C
Continuous soldering time: within 5 s
5.8
24.03
6.5
18.2
36.78
32.51
17.78
13.335
1.905
1.905
4.95
1.905
1.905
13.335
19.05
30.73
#4-40 UNC
9.9
2.7
7.72
2.03 2.73
3.3
2.5
1.905
Mounting holes (t = 1.6 mm, bottom view)
30.73
±0.1
19.05
±0.1
5.84
±0.05
Four, 1.93 +0.1 dia.
0
3.3
±0.05
1.93
±0.05
1.905
±0.05
1.905
±0.05
Pin 1
Board terminals
Pin 24
24, 0.86 +0.1 dia.
0
1.905
±0.05
13.335
±0.1
Panel dimensions (t = 1.2 mm max.)
32.51
±0.05
27.43
±0.05
9.14
±0.05
2.54
±0.05
Two, R0.64
±0.1
Two, 3.05 +0.1 dia.
0
Two, R2.54
±0.1
5.8
24.03
6.5
18.2
36.78
32.51
13.335
1.905
1.905
4.95
1.905
1.905
2.54
1.27
#4-40 UNC
1.27
2.54
9.9
2.7
1.27
2.54
13.335
19.05
30.73
7.72
2.03
2.73
2.66
3.3
3.94
2.5
2.54
5.08
1.905
Mounting holes (t = 1.6 mm, bottom view)
Four, 1.93 +0.1 dia.
0
24, 0.86 +0.1 dia.
0
Panel dimensions (t = 1.2 mm max.)
30.73
±0.1
Two, 3.05 +0.1 dia.
0
19.05
±0.1
Six, 0.66 +0.1 dia.
0
5.84
±0.05
3.3
±0.05
1.93
±0.05
1.905
±0.05
1.905
±0.05
Pin 1
Board
terminals
2.67
±0.05
3.94
±0.05
2.54
±0.05
5.08
±0.05
1.27
±0.05
2.54
±0.05
1.905
±0.05
13.335
±0.1
32.51
±0.05
27.43
±0.05
9.14
±0.05
2.54
±0.05
Two, R0.64
±0.1
Two, R2.54
±0.1
XM4M-2432-1312
XM4M-2932-1312



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com