Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCK596 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCK596
Description  CAPACITOR MICROPHONE APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCK596 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCK596 Datasheet HTML 1Page - Unisonic Technologies UTCK596 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCK596
N-CHANNEL JUNCTION FET
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R207-001,A
CAPACITOR MICROPHONE
APPLICATIONS
FEATURES
*Especially Suited for use in Audio, Telephone Capacitor
Microphones
*Excellent Voltage characteristic
*Excellent Transient Characteristic
TO-92SP
1
1:SOURCE
2:GATE
3. DRAIN
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Gate Drain Voltage
VGDO
-20
V
Gate Current
IG
10
mA
Drain Current
ID
1
mA
Power Dissipation
PD
100
mW
Junctin Temperature
Tj
125
°C
Storage Temperature
TSTG
-55~+125
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gate Drain Breakdown Voltage
BVGDO
IG=-100
µA
-20
V
Gate Source Cut off Voltage
VGS(off)
VDS=5V,ID=1
µA
-0.6
-1.5
V
Drain Current
IDSS
VDS=5V,VGS=0
100
800
µA
Forward Transfer Admittance
lYFSl
VDS=5V,VGS=0,f=1KHz
0.4
1.2
mS
Input Capacitance
CISS
VDS=5V,VGS=0,f=1MHz
3.5
pF
Output Capacitance
CRSS
VDS=5V,VGS=0,f=1MHz
0.65
pF
CLASSIFICATION OF IDSS
RANK
A
B
C
D
E
IDSS (
µA)
100-170
150-240
210-350
320-480
440-800


Similar Part No. - UTCK596

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCKA22241 UTC-UTCKA22241 Datasheet
37Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
UTCKA22427 UTC-UTCKA22427 Datasheet
46Kb / 3P
I-CHIP AM/FM RADIO IC
UTCKA22427 UTC-UTCKA22427 Datasheet
111Kb / 3P
LINEAR INTEGRATED CIRCUIT
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
POWER FACTOR CONTROLLER
UTCKA8602 UTC-UTCKA8602 Datasheet
113Kb / 4P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - UTCK596

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX597JH FAIRCHILD-FJX597JH Datasheet
53Kb / 5P
Capacitor Microphone Applications
logo
Sanyo Semicon Device
2SK596 SANYO-2SK596 Datasheet
436Kb / 6P
CAPACITOR MICROPHONE APPLICATIONS
logo
Fairchild Semiconductor
FJN598J FAIRCHILD-FJN598J Datasheet
51Kb / 5P
Capacitor Microphone Applications
logo
Sanyo Semicon Device
2SK377 SANYO-2SK377 Datasheet
511Kb / 5P
CAPACITOR MICROPHONE APPLICATIONS
logo
Unisonic Technologies
TF212 UTC-TF212 Datasheet
130Kb / 3P
CAPACITOR MICROPHONE APPLICATIONS
logo
Fairchild Semiconductor
FJX597JBTF FAIRCHILD-FJX597JBTF Datasheet
59Kb / 5P
Capacitor Microphone Applications
logo
Unisonic Technologies
K596 UTC-K596 Datasheet
76Kb / 3P
CAPACITOR MICROPHONE APPLICATIONS
logo
Fairchild Semiconductor
KSK595HMTF FAIRCHILD-KSK595HMTF Datasheet
70Kb / 5P
Capacitor Microphone Applications
FJX597JHTF FAIRCHILD-FJX597JHTF Datasheet
59Kb / 5P
Capacitor Microphone Applications
logo
Unisonic Technologies
TF212 UTC-TF212_15 Datasheet
163Kb / 3P
CAPACITOR MICROPHONE APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com