Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA7524 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # KA7524
Description  POWER FACTOR CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KA7524 Datasheet(HTML) 2 Page - Unisonic Technologies

  KA7524 Datasheet HTML 1Page - Unisonic Technologies KA7524 Datasheet HTML 2Page - Unisonic Technologies KA7524 Datasheet HTML 3Page - Unisonic Technologies KA7524 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCKA7524
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R114-001,A
ABSOLUTE MAXIMUM RATINGS(Ta=25
°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
20
V
Peak Driver Output Current
Io(p)
500
mA
Detect Clamping Diode Current
Idet
10
mA
Output Clamping Diode Current
Io(c.d)
10
mA
Operating Temperature
Topr
-45~65
°C
Storage Temperature
Tstg
-65~150
°C
ELECTRICAL CHARACTERISTICS (Ta=25
°C)
(All voltage referenced to GND unless othrewise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Under Voltage Lockout Section
Start Threshold Voltage
Vth(st)
9.2
10
10.8
V
UV lockout Hysteresis
Vths
1.8
2.0
2.2
V
Supply Zener Voltage
Vz
17
V
Supply Current Section
Start-up Supply Current
Istart
Vcc<Vth
0.25
0.5
mA
Operating Supply
Current
Icc
Vcc=12V,No load
6
12
mA
Dynamic Operating
Current
Icc(d)
Vcc=12V,f=50KHZ,
Cgs=1000pF
10
20
mA
Reference Section
(note 1)
Reference Voltage
Vref
2.475
2.5
2.525
V
Line Regulation
Vref
12V<Vcc<16V
0.1
10
mV
Load Regulation
Vref
0<Iref<2mA
0.1
10
mV
Temperature Stability
STt
20
mV
Error Amplifier Section
Input Offset Voltage
Vio
-15
15
mV
Input Bias Current
Ibias
-1
-0.1
1
µA
Large Signal Open Loop
gain
Gv
60
100
dB
Power Supply Rejection
Ratio
PSRR
60
86
dB
Output Current
Isource
2
mA
Isink
-2
mA
Output Voltage range
Vo(p)
1.2
4
V
Unity Gain Bandwidth
UBW
1.0
MHZ
Phase Margin
MPH
57
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com