Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLAG665F Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCLAG665F
Description  RADIO AND CASSETTE RECORDER CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLAG665F Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCLAG665F Datasheet HTML 1Page - Unisonic Technologies UTCLAG665F Datasheet HTML 2Page - Unisonic Technologies UTCLAG665F Datasheet HTML 3Page - Unisonic Technologies UTCLAG665F Datasheet HTML 4Page - Unisonic Technologies UTCLAG665F Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTCLAG665F
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R110-013,A
RADIO AND CASSETTE RECORDER
CIRCUIT
DESCRIPTION
The UTC LAG665F is a monolithic integrated circuit,
designed for portable radio cassette.
FEATURES
*1-Chip stereo tape recorder with motor speed controller.
*Operating supply voltage range: Vcc=2~5V
*Good volume control
SOP-28
BLOCK DIAGRAM
Pre Amp
Power Amp
Power
Amp
Pre Amp
1/2 Vcc
Power Amp
Motor
Control
8
28
3
4
5
1/2 Vcc
1
2
Attenuator
V/I
Attenuator
6
7
25
24
23
22
21
19
20
18
14
17
16
15
13
9
11
10
12
26
27
Bias
Control


Similar Part No. - UTCLAG665F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLAG668 UTC-UTCLAG668 Datasheet
184Kb / 8P
RADIO AND CASSETTE RECORDER CIRCUIT
More results

Similar Description - UTCLAG665F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7223 PANASONIC-AN7223 Datasheet
43Kb / 3P
AM Tuner, FM/AM IF Amplifier Circuit for Radio Cassette Recorder
logo
STMicroelectronics
TDA7286 STMICROELECTRONICS-TDA7286 Datasheet
59Kb / 6P
SINGLE CHIP PREAMPLIFIER FOR DOUBLE DECK RADIO CASSETTE RECORDER
May-1997
logo
Unisonic Technologies
UTCLAG668 UTC-UTCLAG668 Datasheet
184Kb / 8P
RADIO AND CASSETTE RECORDER CIRCUIT
logo
Sony Corporation
CXA1568S SONY-CXA1568S Datasheet
188Kb / 11P
FUNCTION SWITCH FOR CASSETTE TAPE RECORDER WITH RADIO
logo
Rohm
BD3881FV ROHM-BD3881FV Datasheet
333Kb / 3P
Sound processor for radio cassette recorder and mini component stereo
logo
List of Unclassifed Man...
AN7203 ETC1-AN7203 Datasheet
97Kb / 4P
FM FRONT-END IC FOR RADIO, RADIO CASSETTE RECORDER
logo
Zarlink Semiconductor I...
MV1821 ZARLINK-MV1821 Datasheet
586Kb / 8P
VIDEO CASSETTE RECORDER PDC AND VPS INTERFACE CIRCUIT
logo
Sanyo Semicon Device
LA1823 SANYO-LA1823_09 Datasheet
104Kb / 12P
Single-Chip Tuner ICs for Use in Radio Cassette Recorder
logo
Panasonic Semiconductor
AN7333S PANASONIC-AN7333S Datasheet
96Kb / 7P
4-Element Graphic Equalizer IC for Radio/Radio Cassette Recorder
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com