Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLM317 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCLM317
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM317 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCLM317 Datasheet HTML 1Page - Unisonic Technologies UTCLM317 Datasheet HTML 2Page - Unisonic Technologies UTCLM317 Datasheet HTML 3Page - Unisonic Technologies UTCLM317 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTCLM317
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R101-009,B
TYPICAL PERFORMANCE CHARACTERISTICS
0
25
50
75
100
125
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
Temperature
Fig.1. Load Regulation vs
temperature
Vi=15V
Vo=10V
-50
-25
0
25
50
75
100
125
35
40
45
50
55
60
Fig.2 Adjustment Current vs Temperature
Temperature
0
25
50
75
100
125
1.0
1.5
2.0
2.5
3.0
Fig.3. Dropout Voltage vs Input-
Output Voltage Difference
Temperature
∆Vo=100mV
IL=1A
IL=500mA
IL=200mA
IL=20mA
IL=1.5A
-50
-25
0
25
50
75
100
125
1.235
1.240
1.245
1.250
1.255
1.260
Fig.4 Reference Voltage vs Temperature
Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com