Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSKD310 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSKD310
Description  Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSKD310 Datasheet(HTML) 1 Page - Powersem GmbH

  PSKD310 Datasheet HTML 1Page - Powersem GmbH PSKD310 Datasheet HTML 2Page - Powersem GmbH PSKD310 Datasheet HTML 3Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
I
FRMS
= 2x 480 A
I
FAVM
= 2x 305 A
V
RRM
= 800-1800 V
Features
●
Direct copper bonded Al
2O3 -ceramic
base plate
●
Planar passivated chips
●
Isolation voltage 3600 V~
●
UL registered, E 148688
Applications
●
Supplies for DC power equipment
●
DC supply for PWM inverter
●
Field supply for DC motors
●
Battery DC power supplies
Advantages
●
Space and weight savings
●
Simple mounting
●
Improved temperature and power
cycling
●
Reduced protection circuits
Dimensions in mm (1 mm = 0.0394")
V
RSM
V
RRM
Type
VV
900
800
PSKD 310/08
1300
1200
PSKD 310/12
1500
1400
PSKD 310/14
1700
1600
PSKD 310/16
1900
1800
PSKD 310/18
31
2
Diode Modules
Preliminary Data Sheet
PSKD 310
Threaded spacer for higher Anode/Cathode
construction: Type ZY 250, material brass
1
3
2
Symbol
Test Conditions
Characteristic Values
I
RRM
T
VJ = TVJM; VR = VRRM
40
mA
V
F
I
F = 600 A; TVJ = 25°C
1.2
V
V
T0
For power-loss calculations only
0.75
V
r
T
T
VJ = TVJM
0.63
m
Ω
R
thJC
per diode; DC current
0.129
K/W
per module
other values
0.065
K/W
R
thJK
per diode; DC current
see Fig. 6/7
0.169
K/W
per module
0.0845
K/W
Q
S
T
VJ = 125°C, IF = 400 A; -di/dt = 50 A/µs
760
µC
I
RM
275
A
d
S
Creepage distance on surface
12.7
m m
d
A
Strike distance through air
9.6
m m
a
Maximum allowable acceleration
50
m/s2
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
480
A
I
FAVM
T
C = 100°C; 180° sine
305
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
11 500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
12 200
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
9 600
A
V
R = 0
t = 8.3 ms (60 Hz), sine
10 200
A
∫∫∫∫∫i2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
662 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
620 000
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
460 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
430 000
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL ≤ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
2.5-5/22-44 Nm/lb.in.
Terminal connection torque (M8)
12-15/106-132 Nm/lb.in.
Weight
Typical including screws
320
g


Similar Part No. - PSKD310

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSKD312 POWERSEM-PSKD312 Datasheet
136Kb / 3P
Diode Modules
More results

Similar Description - PSKD310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD181 SIRECTIFIER-STD181 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com