Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLM386 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCLM386
Description  LOW VOLTAGE AUDIO POWER AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM386 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCLM386 Datasheet HTML 1Page - Unisonic Technologies UTCLM386 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTCLM386
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R107-007,B
ABSOLUTE MAXIMUM RATINGS(Ta=25
°C )
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
15
V
Power Dissipation
DIP-8
SOP-8
Pd
1250
600
mW
Input Voltage
Vi
-0.4V~+0.4V
V
Operating Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
-40 to 150
°C
ELECTRICAL CHARACTERISTICS( Ta=25
°C, all voltage referenced to GND unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent circuit current
ICCQ
Vi=0
4
8
mA
Output Power
Po
Vcc=6V,THD=10%
250
325
mW
Vcc=9V,THD=10%
500
700
mW
Voltage Gain
GV
Pin1 and pin 8 open
26
dB
10
µF fron pin 1 and pin 8
46
dB
Bandwidth
BW
Pin1 and pin 8 open
300
kHz
10
µF fron pin 1 and pin 8
60
kHz
Total harmonic distortion
THD
Po=125mW,pin1 and pin 8 open
0.2
%
Input Resistance
Ri
50
k
Ω
Input Bias current
IBIAS
Pin1 and pin 8 open
250
nA
APPLICATION CIRCUIT
UTC
LM386
2
6
1
8
4
7
5
3
Vs
Vin
250
µF
0.1
µF
10
Ω
10k
Ω
Fig. 1 GV =20dB
UTC
LM386
2
6
1
8
4
7
5
3
10
µF
250
µF
10
Ω
10k
Ω
Vin
Vs
bypass
Fig. 2 GV =200dB
0.1
µF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com