Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSTTSC Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSTTSC
Description  Active Trigger Units for Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSTTSC Datasheet(HTML) 1 Page - Powersem GmbH

  PSTTSC Datasheet HTML 1Page - Powersem GmbH PSTTSC Datasheet HTML 2Page - Powersem GmbH PSTTSC Datasheet HTML 3Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PSTT PC / PSTT SC / PSTT ZC
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
1/3
 2006 POWERSEM reserves the right to change limits, test conditions and dimensions
Active Trigger Units for Thyristors
PSTT PC - controlled rectifiers, ac controllers, dc motor control, all other applications
PSTT SC - economic low cost ac controllers
PSTT ZC - zero crossing switching – heating, welding, power factor correction
ABSOLUTE MAXIMUM RATINGS
Type
PSTT PC/12
PSTT PC/20
PSTT SC/12
PSTT SC/20
Parameter
Symbol
PSTT ZC/12
PSTT ZC/20
Unit
Peak voltage-positive and negative
Vp
1200
2000
V
Nominal mains voltage
Vm
400
690
Vrms
Continuous DC voltage
V=
400
690
Vdc
Turn-on delay for gate current >1A
tgd
5
5
µs
Input-output isolation
Vi
5300Vrms 60Hz 1min VDE0884
Input-output transient immunity
(dv/dt)c
5000
V/µs
Device transient immunity
(dv/dt)d
2000
V/µs
Ambient temperature range
Ta
-25 to +85
°C
External gate cathode short circuit during operation can be destructive
A2
G2
K2
G1
K1
K2
G1
K1
G2
The Active Trigger is an economic replacement of
pulse transformers including all associated circuitry in
phase controlled thyristor equipment. Due to the small
control current it becomes the ideal link between any
size of thyristor and the control intelligence. Each
Active Trigger can trigger two thyristors and is
intended for mains voltages from 115V to 690Vrms.
Its operation is based on an optically activated current
source connected between anode and gate of the
thyristor to be triggered. Thus a small electrically
isolated control current initiates a large gate current
without the necessity of a gate drive power supply.
Three
different
application
specific
types
are
available.
Topview inmm
Top view in mm
Height 19 mm
PSTT PC
PSTT ZC
PSTT SC
Height 23 mm
PCB hole size 0.8 mm
PCB hole size 0.8 mm


Similar Part No. - PSTTSC

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
PST CINCON-PST Datasheet
206Kb / 2P
Programmable Scene Timer
logo
Phoenix Mecano S.E. Asi...
PST 13 IP BOPLA-PST 13 IP Datasheet
2Mb / 22P
Cable glands / General Accessories
PST 16 IP BOPLA-PST 16 IP Datasheet
2Mb / 22P
Cable glands / General Accessories
logo
Wabash Transformer Inc.
PST-06-10 WABASH-PST-06-10 Datasheet
625Kb / 2P
The Compact Power Transformer
PST-06-120 WABASH-PST-06-120 Datasheet
625Kb / 2P
The Compact Power Transformer
More results

Similar Description - PSTTSC

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKKQ350 SEMIKRON-SKKQ350 Datasheet
295Kb / 2P
Antiparallel thyristors for softstart
SKKQ560 SEMIKRON-SKKQ560 Datasheet
210Kb / 2P
Antiparallel thyristors for softstart
SKKQ1200 SEMIKRON-SKKQ1200 Datasheet
296Kb / 2P
Antiparallel thyristors for softstart
SKKQ560 SEMIKRON-SKKQ560_07 Datasheet
498Kb / 4P
Antiparallel thyristors for softstart
SKKQ3000 SEMIKRON-SKKQ3000_07 Datasheet
515Kb / 4P
Antiparallel thyristors for softstart
SKKQ560 SEMIKRON-SKKQ560_09 Datasheet
580Kb / 4P
Antiparallel thyristors for softstart
SKKQ3000 SEMIKRON-SKKQ3000_09 Datasheet
595Kb / 4P
Antiparallel thyristors for softstart
logo
New Jersey Semi-Conduct...
2N4986 NJSEMI-2N4986 Datasheet
122Kb / 1P
TRIODE TRIGGER THYRISTORS
logo
Littelfuse
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
logo
List of Unclassifed Man...
ECG6407 ETC-ECG6407 Datasheet
113Kb / 1P
Bilateral Trigger Diodes / Bidirectiomal Diode Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com