Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSVT70 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSVT70
Description  Thyristor Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSVT70 Datasheet(HTML) 2 Page - Powersem GmbH

  PSVT70 Datasheet HTML 1Page - Powersem GmbH PSVT70 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSVT 70, PSXT 70
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Characteristic Values
ID, IR
TVJ = TVJM; VR = VRRM; VD = VDRM
≤
5
mA
VT
IT = 200A; TVJ = 25°C
≤
1.75
V
VTO
For power-loss calculations only (TVJ=TVJmax)
0.85
V
rT
5.3
m
Ω
VGT
VD = 6V
TVJ = 25°C
≤
1.5
V
TVJ = -40°C
≤
1.6
V
IGT
VD = 6V
TVJ = 25°C
≤
100
mA
TVJ = -40°C
≤
200
mA
VGD
TVJ = TVJM
VD = 2/3 VDRM
≤
0.2
V
IGD
≤
10
mA
IL
TVJ = 25°C; tP = 10µs
≤
450
mA
IG = 0.45A; diG /dt = 0.45 A/µs
IH
TVJ = 25°C; VD = 6V; RGK = ∞
≤
200
mA
tgd
TVJ = 25°C; VD = ½ VDRM
≤
2
µs
IG = 0.45A; diG /dt = 0.45A/µs
tq
TVJ = TVJM; IT = 120A, tP = 200µs; -di/dt=10A/µs
150
µs
VR = 100V; dv/dt = 20 V/µs; VD = 2/3 VDRM
RthJC
per thyristor; sine 180°el
0.35
K/W
per bridge
0.117
K/W
RthJK
per thyristor; sine 180°el
0.55
K/W
per bridge
0.183
K/W
ds
Creeping distance on surface
10
mm
dA
Creeping distance in air
9.4
mm
a
max. allowable acceleration
50
m/s
2
Package, style and outline
Dimensions in mm (1 mm=0.0394”)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com