Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSBI33 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSBI33
Description  Rectifier Module for Power Factor Correction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSBI33 Datasheet(HTML) 2 Page - Powersem GmbH

  PSBI33 Datasheet HTML 1Page - Powersem GmbH PSBI33 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECO-PACTM 2
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Package style and outline
under development
Fast Recovery Diode
Symbol
Test Conditions
Maximum Ratings
V
RRM
T
VJ = 25 °C to 150 °C
600
V
I
F25
T
C = 25 °C
30
A
I
F80
T
C = 80 °C
19
A
Symbol
Test Conditions
Characteristic Values
T
VJ = 25 °C, unless otherwise specified
V
F
I
F = 10 A,
T
VJ = 25 °C
max.
3.2
V
T
VJ = 25 °C
typ.
2.2
V
T
VJ = 125 °C
max.
2.4
V
I
R
V
R = VRRM,TVJ = 25 °C
max.
0.1
mA
T
VJ = 125 °C
typ.
0.1
mA
I
RM
I
F = 10 A, diF/dt = -400 A/µs, TVJ = 125 °C
tbd
A
t
rr
V
R = 400 V
tbd
ns
R
thJC
max.
1.15
K/W
R
thJH
with heat transfer paste
tbd
K/W
Rectifier Diodes
Symbol
Test Conditions
Maximum Ratings
V
RRM
1200
V
I
FAV25
T
C = 25 °C, sine 180 °
33
A
I
FAV80
T
C = 80 °C, sine 180 °
22
A
I
FSM
T
VJ = 25 °C,
T = 10 ms (50Hz)
60
A
Symbol
Test Conditions
Characteristic Values
T
VJ = 25 °C, unless otherwise specified
V
F
I
F = 10 A,
T
VJ = 25 °C
max.
1.8
V
T
VJ = 25 °C
typ.
1.4
V
T
VJ = 125 °C
typ.
1.6
V
I
R
V
R = VRRM,TVJ = 25 °C
max.
0.05
mA
T
VJ = 125 °C
typ.
0.5
mA
t
rr
V
R = 100 V, IF = 10 A, -di/dt = 5 A/µs typ.
1
µs
R
thJC
per diode
max.
2.5
K/W
R
thJH
with heat transfer paste
tbd
K/W
d
s
Creeping distance on surface
11.2
mm
d
A
Creeping distance in air
5
mm
a
Max. allowable acceleration
50
m/s²
R
25
NTC @ 25 °C
5.000
Ω
Module
Symbol
Test Conditions
Characteristic Values



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com