Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLM7809 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCLM7809
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM7809 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCLM7809 Datasheet HTML 1Page - Unisonic Technologies UTCLM7809 Datasheet HTML 2Page - Unisonic Technologies UTCLM7809 Datasheet HTML 3Page - Unisonic Technologies UTCLM7809 Datasheet HTML 4Page - Unisonic Technologies UTCLM7809 Datasheet HTML 5Page - Unisonic Technologies UTCLM7809 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTCLM78XX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R101-006,C
ABSOLUTE MAXIMUM RATINGS
( Operating temperature range applies unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Input voltage(for Vo=5~18V)
(for Vo=24V)
VI
35
40
V
V
Output Current
I o
1
A
Power Dissipation
PD
Internally
Limited
W
Operating Junction Temperature Range
TOPR
-20
+150
°C
Storage Temperature Range
TSTG
-55
+150
°C
UTC LM7805 ELECTRICAL CHARACTERISTICS
( VI=10V, Io=0.5A, Tj= 0
°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified )(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25
°C, IO=5mA - 1.0A
4.80
5.0
5.20
V
Output Voltage
Vo
VI =7.5V to 20V,
IO=5mA - 1.0A,PD<15W
4.75
5.25
V
Load Regulation
∆Vo
Tj=25
°C,IO=5mA - 1.5A
50
mV
Tj=25
°C,IO=0.25A - 0.75A
25
mV
Line regulation
∆Vo
VI =7V to 25V,Tj=25
°C
50
mV
VI =7.5V to 20V,Tj=25
°C,Io=1A
50
mV
Quiescent Current
Iq
Tj=25
°C, IO=<1A
8.0
mA
Quiescent Current Change
∆Iq
VI =7.5V to 20V
1.0
mA
∆Iq
IO=5mA - 1.0A
0.5
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
40
µV
Temperature coefficient of Vo
∆Vo/∆T
Io=5mA
-0.6
mV/
°C
Ripple Rejection
RR
VI =8V - 18V,f=120Hz,Tj=25
°C
62
80
dB
Peak Output Current
IPK
Tj=25
°C
1.8
A
Short-Circuit Current
ISC
VI=35V, Tj=25
°C
250
mA
Dropout Voltage
Vd
Tj=25
°C
2.0
V
UTC LM7806 ELECTRICAL CHARACTERISTICS
( VI=11V, Io=0.5A, Tj= 0
°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified )(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25
°C, IO=5mA - 1.0A
5.76
6.0
6.24
V
Output Voltage
Vo
VI =8.5V to 21V,
IO=5mA - 1.0A, PD<15W
5.70
6.30
V
Load Regulation
∆Vo
Tj=25
°C,IO=5mA - 1.5A
60
mV
Tj=25
°C,IO=0.25A - 0.75A
30
mV
Line regulation
∆Vo
VI =8V to 25V,Tj=25
°C
60
mV
VI =8.5V to 21V,Tj=25
°C,Io=1A
60
mV
Quiescent Current
Iq
Tj=25
°C, IO=<1A
8.0
mA
Quiescent Current Change
∆Iq
VI =8.5V to 21V
1.0
mA
∆Iq
IO=5mA - 1.0A
0.5
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
45
µV
Temperature coefficient of Vo
∆Vo/∆T
Io=5mA
-0.7
mV/
°C
Ripple Rejection
RR
VI =9V - 19V,f=120Hz,Tj=25
°C
59
75
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com