Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDI33 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSDI33
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSDI33 Datasheet(HTML) 1 Page - Powersem GmbH

  PSDI33 Datasheet HTML 1Page - Powersem GmbH PSDI33 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Three Phase Rectifier Bridge
PSDI 33/06
I
C25
= 44 A
with IGBT and Fast Recovery Diode
V
CES
= 600 V
for Braking System
I
FAV25
= 18 A
V
RRM
= 1200 V
Features
•
High level of integration - only one
power semiconductor module required
for the whole braking system module
•
Isolation voltage 3600 V
∼
•
Planar glass passivated chips
•
Ultrafast freewheel diode
•
Leads suitable for PC board
soldering
•
Thermistor (optional)
Applications
•
Drive inverters with brake system
Advantages
•
Easy to mount with two screws
•
Space and weight savings
•
high temperature and power
cycling capability
•
Small and light weight
•
2 functions in one package
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Data according to IEC 60747 refer to a single diode
unless otherwise stated
Preliminary Data Sheet
IGBT
Symbol
Test Conditions
Maximum Ratings
V
CES
T
VJ = 25 °C to 150 °C
600
V
V
GES
continuous
±20
V
I
C25
T
C = 25 °C
44
A
I
C80
T
S = 80 °C
30
A
RBSOA
V
CE = 600 V, R
G = 10 Ω, TVJ = 125 °C
I
CM = 100
A
clamped inductive load, L = 100 µH
V
CEK≤VCES
t
SC
V
CE = 600 V, VGE = ±15 V, R
G = 10 Ω,10
µs
T
VJ = 125 °C, non-repetitive
Symbol
Test Conditions
Characteristic Values
T
VJ = 25 °C, unless otherwise specified
V
CE(sat)
V
GE = 15 V, IC = 10 A, TVJ = 25 °C
max.
1.8
V
V
CE(sat)
V
GE = 15 V, IC = 10 A, TVJ = 25 °C
typ.
1.5
V
V
CE(sat)
T
VJ = 125 °C typ.
1.6
V
V
GE(th)
V
GE = VCE, IC = 1 mA
min.
3
V
V
GE(th)
V
GE = VCE, IC = 1 mA
max.
5
V
I
CES
V
CE = VCES, VGE = 0 V, TVJ = 25 °C max.
0.04
mA
I
CES
T
VJ = 125 °C typ.
1
mA
I
GES
V
CE = 0 V, VGE = ±20 V
max.
100
nA
t
d(on)
typ.
31
ns
t
r
typ.
50
ns
t
d(off)
typ.
291
ns
t
f
typ.
70
ns
E
on
typ.
0.60
mJ
E
off
typ.
0.31
mJ
C
ies
V
CE = 25 V, f = 1 MHz, VGE = 0 V
typ.
1600
pF
Q
Gon
V
CE = 480 V, I
C = 10 A, VGE = 15 V typ.
140
nC
R
thJC
max.
0.96
K/W
R
thJH
max.
tbd
K/W
}
Module
Symbol
Test Conditions
Maximum Ratings
T
VJ
-40...+150
°C
T
JM
150
°C
T
stg
-40...+150
°C
V
isol
50/60 Hz
t = 1 min
3000
V
∼
Iisol
≤ 1 mA t = 1 s
3600
V
∼
M
d
Mounting torque (M 4)
1.5-2.0
Nm
Weight
typ.
24
g
inductive load, T
VJ = 125 °C
V
CE = 400 V, IC = 10 A
V
GE = ±15 V, R
G = 10 Ω
Caution: These Devices are sensitive
to electrostatic discharge. Users should
observe proper ESD handling precautions.
NTC optional
1
3
A
PS M
V
G
E
XK


Similar Part No. - PSDI33

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSDI50 POWERSEM-PSDI50 Datasheet
464Kb / 2P
Three Phase Rectifier Bridge
PSDI50/12 POWERSEM-PSDI50/12 Datasheet
464Kb / 2P
Three Phase Rectifier Bridge
logo
Tycon Systems, Inc.
PSDIN TYCONSYSTEMS-PSDIN Datasheet
519Kb / 2P
DIN Rail Industrial Power Supplies
PSDIN-48-120W TYCONSYSTEMS-PSDIN-48-120W Datasheet
519Kb / 2P
DIN Rail Industrial Power Supplies
PSDIN-48-240W TYCONSYSTEMS-PSDIN-48-240W Datasheet
519Kb / 2P
DIN Rail Industrial Power Supplies
More results

Similar Description - PSDI33

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com