Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDM33 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSDM33
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSDM33 Datasheet(HTML) 1 Page - Powersem GmbH

  PSDM33 Datasheet HTML 1Page - Powersem GmbH PSDM33 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Three Phase Rectifier Bridge
PSDM 33/05
I
D25
= 35 A
with IGBT and Fast Recovery Diode
V
DSS
= 500 V
for Braking System
R
DS(on)
= 0.12
Ω
Ω
Ω
Ω
Ω
Features
•
High level of integration - only one
power semiconductor module required
•
Isolation voltage 3000 V
∼
•
Planar glass passivated chips
•
Ultrafast boost diode
•
Leads suitable for PC board
soldering
•
Thermistor (optional)
•
UL registered, E 148688
Applications
•
Drive Inverters with brake system
Advantages
•
Easy to mount with two screws
•
Space and weight savings
•
high temperature and power
cycling capability
•
Small and light weight
•
2 functions in one package
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Data according to IEC 60747 refer to a single diode
unless otherwise stated
Preliminary Data Sheet
V
RSM
V
RRM
Type
(V)
(V)
600 500
PSDM 33/05
MOSFET
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
VJ = 25 °C to 150 °C
500
V
V
DGR
T
VJ = 25 °C to 150 °C, RGS = 10 Ω
500
V
V
GS
continuous
±20
V
I
D
T
S = 85 °C
24
A
I
D
T
S = 25 °C
35
A
I
DM
T
S = 25 °C, pulse width limited by T
VJ
95
A
P
D
T
S = 85 °C
170
W
I
S
V
GS = 0 V, TS = 25 °C
24
A
I
SM
V
GS = 0 V, TS = 25 °C, pulse width limited by TVJ
95
A
Symbol
Test Conditions
Characteristic Values
T
VJ = 25 °C, unless otherwise specified
V
DSS
V
GS = 0 V, ID = 2mA
min.
500
V
V
GS(th)
V
DS = 20 V, ID = 20 mA
min.
2
V
V
GS(th)
V
DS = 20 V, ID = 20 mA
max.
5
V
I
GSS
V
GS = ±20 V, VDS = 0 V
max.
±500
nA
I
DSS
V
DS = 500 V, VGS = 0 V
max.
2
mA
R
DS(on)
T
VJ = 25 °C
max.
0.12
Ω
R
Gint
T
VJ = 25 °C
max.
1.5
Ω
g
fs
V
DS = 15 V, IDS = 12 A
typ.
30
S
V
DS
I
DS
= 24 V, V
GS = 0 V
max.
1.5
V
t
d(on)
V
DS = 250 V, IDS = 12 A, VGS = 10 V
max.
100
ns
t
d(off)
Zgen. = 1
Ω, L-load
max.
220
ns
C
iss
typ.
8.5
nF
C
oss
V
DS = 25 V, f = 1 MHz, VGS = 0 V
typ.
0.9
nF
C
rss
typ.
0.3
nF
Q
g
V
DS = 250 V, I
D = 12 A, VGS = 10 V typ.
350
nC
R
thJH
max.
0.38
K/W
}
}
Module
Symbol
Test Conditions
Maximum Ratings
T
VJ
-40...+150
°C
T
JM
150
°C
T
stg
-40...+150
°C
V
isol
50/60 Hz
t = 1 min
3000
V
∼
Iisol
≤ 1 mA t = 1 s
3600
V
∼
M
d
Mounting torque (M 4)
1.5-2.0
Nm
Weight
typ.
24
g
NTC optional
Caution: These Devices are sensitive
to electrostatic discharge. Users should
observe proper ESD handling precautions.
L
M
X
V
C
K G H
1
2
E


Similar Part No. - PSDM33

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PSDM-0DN1-5040 SCHURTER-PSDM-0DN1-5040 Datasheet
313Kb / 2P
DC/DC Converter for IGBT- or MOSFET Driver Modules
PSDM-0DO2-5040 SCHURTER-PSDM-0DO2-5040 Datasheet
344Kb / 3P
600V IGBT/MOSFET Driver modules with integrated DC/DC converter
PSDM-0DT2-5020 SCHURTER-PSDM-0DT2-5020 Datasheet
344Kb / 3P
600V IGBT/MOSFET Driver modules with integrated DC/DC converter
PSDM-6 SCHURTER-PSDM-6 Datasheet
313Kb / 2P
DC/DC Converter for IGBT- or MOSFET Driver Modules
PSDM-6O SCHURTER-PSDM-6O Datasheet
344Kb / 3P
600V IGBT/MOSFET Driver modules with integrated DC/DC converter
More results

Similar Description - PSDM33

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com