Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSDM33/05 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSDM33/05
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSDM33/05 Datasheet(HTML) 2 Page - Powersem GmbH

  PSDM33/05 Datasheet HTML 1Page - Powersem GmbH PSDM33/05 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ECO-PACTM 2
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Package style and outline
Dimensions in mm (1mm = 0.0394“)
Boost Diode
Symbol
Test Conditions
Maximum Ratings
V
RRM
600
V
I
FAV
T
S = 85 °C, rectangular δ =0.5
33
A
I
FSM
T
VJ = 45 °C,
T = 10 ms (50Hz)
300
A
T = 8.3 ms (60Hz)
320
A
T
VJ = 150 °C, T = 10 ms (50Hz)
260
A
T = 8.3 ms (60Hz)
280
A
P
T
S = 85 °C
36
W
Symbol
Test Conditions
Characteristic Values
T
VJ = 25 °C, unless otherwise specified
V
F
I
F = 22 A,
T
VJ = 25 °C
max.
1.65
V
T
VJ = 150 °C
max.
1.4
V
I
R
V
R = 600 V,
T
VJ = 25 °C
max.
1.5
mA
V
R = 480 V,
T
VJ = 25 °C
max.
0.25
mA
T
VJ = 125 °C
max.
7
mA
V
T0
for power-loss calculations only
max.
1.14
V
r
T
T
VJ = 125 °C
max.
10
m
Ω
I
RM
I
F = 30 A, -diF/dt = 240 A/µs
max.
11
A
V
R = 350 V, TVJ = 100 °C
typ.
10
A
R
thJH
max.
1.8
K/W
}
Rectifier Diodes
Symbol
Test Conditions
Maximum Ratings
V
RRM
800
V
I
dAV
T
S = 85 °C, sinus 180 °
54
A
I
FSM
T
VJ = 45 °C,
T = 10 ms (50Hz)
300
A
T = 8.3 ms (60Hz)
320
A
T
VJ = 150 °C, T = 10 ms (50Hz)
260
A
T = 8.3 ms (60Hz)
280
A
Symbol
Test Conditions
Characteristic Values
T
VJ = 25 °C, unless otherwise specified
V
F
I
F = 20 A,
T
VJ = 25 °C
max.
1.4
V
T
VJ = 125 °C
max.
1.4
V
I
R
V
R = 800 V,
T
VJ = 25 °C
max.
0.25
mA
V
R = 640 V,
T
VJ = 125 °C
max.
2
mA
V
T0
for power-loss calculations only
max.
1.05
V
r
T
T
VJ = 125 °C
max.
16
m
Ω
R
thJH
max.
2.0
K/W
d
s
Creeping distance on surface
11.2
mm
d
A
Creeping distance in air
5.6
mm
a
Max. allowable acceleration
50
m/s²
R
25*
NTC @ 25 °C
470.000
Ω
Module
Symbol
Test Conditions
Characteristic Values
*NTC will be changed in future
to 5.000
Ω.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com