Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01M Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT46R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
32
December 18, 2009
· TMR0C Register
Bit
76543210
Name
T0M1
T0M0
T0S
T0ON
T0EG
T0PSC2
T0PSC1
T0PSC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00001000
Bit 7,6
T0M1, T0M0: Timer0 operation mode selection
00: no mode available
01: event counter mode
10: timer mode
11: pulse width capture mode
Bit 5
T0S: timer clock source
0: fSYS
1: LXT oscillator
T0S selects the clock source for fTP which is provided for Timer 0, the Time-Base and
the PWM. If the PWM is enabled, then fSYS will be selected, overriding the T0S selection.
Bit 4
T0ON: Timer/event counter counting enable
0: disable
1: enable
Bit 3
T0EG:
Event counter active edge selection
0: count on raising edge
1: count on falling edge
Pulse Width Capture active edge selection
0: start counting on falling edge, stop on rasing edge
1: start counting on raising edge, stop on falling edge
Bit 2~0
T0PSC2, T0PSC1, T0PSC0: Timer prescaler rate selection
Timer internal clock=
000: fTP
001: fTP/2
010: fTP/4
011: fTP/8
100: fTP/16
101: fTP/32
110: fTP/64
111: fTP/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com