Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F40 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT66F40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F40 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT66F40 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F40 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 246 page
background image
Selection Table
Most features are common to all devices, the main feature distinguishing them are Memory capacity, I/O count, TM
features, stack capacity and package types. The following table summarises the main features of each device.
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM
I/O
Ext.
Int.
A/D
Timer
Module
Interface
(SPI/I
2C)
UART
Stack
Package
HT66F20*
2.2V~
5.5V
1K
´14
64
´832´8
18
2
12-bit
´8
10-bit CTM
´1,
10-bit STM
´1
ÖÖ
4
16DIP/SOP/SSOP
20DIP/SOP/SSOP
HT66F30
2.2V~
5.5V
2K
´14
96
´864´8
22
2
12-bit
´8
10-bit CTM
´1,
10-bit ETM
´1
Ö
¾
4
16DIP/NSOP/SSOP
20DIP/SOP/SSOP
24SKDIP/SOP/SSOP
HT66FU30
14
Ö
24SKDIP/SOP
HT66F40
2.2V~
5.5V
4K
´15
192
´8
128
´8
42
2
12-bit
´8
10-bit CTM
´1,
10-bit ETM
´1,
16-bit STM
´1
Ö
¾
8
24/28SKDIP/SOP/SSOP
44QFP, 32/40/48QFN
48SSOP
HT66FU40
34
Ö
40/48QFN, 44QFP,
48SSOP
HT66F50
2.2V~
5.5V
8K
´16
384
´8
256
´8
42
2
12-bit
´8
10-bit CTM
´2,
10-bit ETM
´1,
16-bit STM
´1
Ö
¾
8
28SKDIP/SOP/SSOP
44QFP, 40/48QFN
48SSOP
HT66FU50
34
Ö
44QFP, 48QFN
HT66F60
2.2V~
5.5V
12K
´16
576
´8
256
´8
50
4
12-bit
´12
10-bit CTMx2,
10-bit ETMx1,
16-bit STMx1
Ö
¾
12
44/52QFP, 40/48QFN
48SSOP
HT66FU60
42
Ö
44/52QFP, 40/48QFN
Note:
As devices exist in more than one package format, the table reflects the situation for the package with the most
pins.
There is an additional peripheral known as the UART module in HT66FU30, HT66FU40, HT66FU50 and
HT66FU60 devices. All information related to the UART Module will be described in the following UART Mod-
ule section.
Block Diagram
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
2
February 1, 2010
F l a s h / E E P R O M
P r o g r a m m i n g
C i r c u i t r y ( I S P )
W a t c h d o g
T i m e r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
E R C / H X T
O s c i l l a t o r
1 2 - B i t A / D
C o n v e r t e r
L I R C / L X T
O s c i l l a t o r
H I R C
O s c i l l a t o r
S t a c k
E E P R O M
D a t a
M e m o r y
F l a s h
P r o g r a m
M e m o r y
R A M
D a t a
M e m o r y
U A R T
S I M
T M 0
L o w
V o l t a g e
R e s e t
L o w
V o l t a g e
D e t e c t
T M 1
T M n
C o m p a r a t o r s
T B 0 / T B 1
I / O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com