Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT77S10 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT77S10
Description  High Efficiency Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT77S10 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT77S10 Datasheet HTML 1Page - Holtek Semiconductor Inc HT77S10 Datasheet HTML 2Page - Holtek Semiconductor Inc HT77S10 Datasheet HTML 3Page - Holtek Semiconductor Inc HT77S10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT77S10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT77S10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT77S10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT77S10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT77S10 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Descriptions
Pin No.
Pin Name
Description
1FB
Feedback Input Pin.
This pin is used to select the required output voltage. It can be connected to an external resis-
tor divider for a user selected voltage or to either the OUT or GND pins for a fixed voltage.
GND: 5V output
OUT: 3.3V output
Resistor Divider: 1.8V~5.5V range output
2
LBI
Low-Battery Comparator Input Pin.
This pin is connected to the internal low battery voltage comparator. If the voltage on this pin
is less than the REF voltage - nominally 1.3V - then the LBO output will be low.
3
LBO
Open-Drain Low Battery Comparator Output.
This pin is used to indicate a low battery condition and is connected to the low battery voltage
comparator output. Note that the pin will be in a high impedence condition when the device is
in the shutdown mode.
High Z: VLBI >VREF
0: VLBI <VREF
4
REF
Reference Voltage Output Pin.
This pin is the output from the voltage reference generator and should be connected to a
0.1
mF bypass capacitor.
5
SHDN
Shutdown Input Pin.
This pin is used to power down the device and place it into the shutdown mode.
High: Device in normal operating mode
Low: Device in shutdown mode
6
GND
Ground Pin.
7LX
Switching Output Pin.
This pin is the device switching output pin which is connected to the internal N-channel and
P-channel switching power MOSFET drain pins.
8
OUT
Power Output Pin.
This pin is the converter output pin. It also supplies bootstrap power to the device.
Absolute Maximum Ratings
Supply Voltage ........................................
-0.3V to 7.0V
Storage Temperature ...........................
-50°Cto125°C
Operating Temperature ..........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT77S10/HT77S11
Rev. 1.00
3
February 3, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com