Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R54 Datasheet(PDF) 79 Page - Holtek Semiconductor Inc

Part # HT95R54
Description  CID Phone 8-Bit MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R54 Datasheet(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT95R54 Datasheet HTML 72Page - Holtek Semiconductor Inc HT95R54 Datasheet HTML 73Page - Holtek Semiconductor Inc HT95R54 Datasheet HTML 74Page - Holtek Semiconductor Inc HT95R54 Datasheet HTML 75Page - Holtek Semiconductor Inc HT95R54 Datasheet HTML 76Page - Holtek Semiconductor Inc HT95R54 Datasheet HTML 77Page - Holtek Semiconductor Inc HT95R54 Datasheet HTML 78Page - Holtek Semiconductor Inc HT95R54 Datasheet HTML 79Page - Holtek Semiconductor Inc HT95R54 Datasheet HTML 80Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 79 / 80 page
background image
Package Information
64-pin LQFP (7mm
´7mm) Outline Dimensions
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
8.90
¾
9.10
B
6.90
¾
7.10
C
8.90
¾
9.10
D
6.90
¾
7.10
E
¾
0.40
¾
F
0.13
¾
0.23
G
1.35
¾
1.45
H
¾¾
1.60
I
0.05
¾
0.15
J
0.45
¾
0.75
K
0.09
¾
0.20
a
0
°¾
7
°
HT95R54/HT95R55
Rev. 1.00
79
March 3, 2010
4 8
4 9
3 3
3 2
6 4
1
1 6
1 7
A
B
C
D
E
F
G
H
I
J
K
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com