Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R65 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT95R65
Description  CID Phone 8-Bit MCU with CPT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R65 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT95R65 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R65 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R65 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R65 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R65 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R65 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R65 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R65 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R65 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
Pad Name
I/O
Options
Description
VREF
O
¾
Reference voltage output, normally VDD/2 for DTMF receiver.
TIP
I
¾
Input pin connected to the tip side of the twisted pair wires for FSK decoder. It
is internally biased to 1/2 VDD when the device is in power-up mode. This pin
must be DC isolated from the line.
RING
I
¾
Input pin connected to the ring side of the twisted pair wires for FSK decoder.
It is internally biased to 1/2 VDD when the device is in power-up mode. This
pin must be DC isolated from the line.
RDET, LBIN
I
¾
This pin detects ring energy on the line through an attenuating network for
FSK decoder.
RTIMEB
Schmitt trigger input and NMOS output pin which functions with RDET1 pin to
make an RC network that performs ring detection function for FSK decoder.
CPTENV
O
While an input signal for CPT detector is within specification, this pin will out-
put the envelope relative to the input signal with a typical 40ms timing delay.
CPTVREF
I
1/2 VDD reference voltage output pin for CPT detector.
When CPTENB = VDD, the device will be turned off and CPTVREF disabled.
CPTSIN
I
AC coupled analog signal input pin for CPT detector.
CPTENB
I
CPT detector enable control pin.
CPTENB = VSS: normal operation mode.
CPTENB = VDD: disabled mode.
CPTX1
CPTX2
I
O
CPTX1 and CPTX2 are connected to an external 32768Hz crystal or resona-
tor for the CPT detector clock source.
The oscillator is turned off in the CPT detector disabled mode.
X1
X2
I
O
¾
X1 and X2 are connected to an external 32768Hz crystal or resonator for the
system clock.
XC
¾¾
External low pass filter pin used for the frequency up conversion circuit.
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground.
VDD2
¾¾
DTMF receiver positive power supply
VSS2
¾¾
DTMF receiver negative power supply
VDD3
¾¾
Positive power supply for FSK Decoder
VSS3
¾¾
Negative power supply for FSK Decoder
VDD4
¾¾
Positive power supply for CPT detector
VSS4
¾¾
Negative power supply for CPT detector
Note:
Each pin on PA can be programmed through a configuration option to have a wake-up function.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT95R64/HT95R65
Rev. 1.00
4
March 3, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com