Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9232 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT9232
Description  Operation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9232 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT9232 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9232 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Assignment
Pin Descriptions
HT9231
Pin No.
Pin Name
Description
1
OUT
Analog output
2
VSS
Negative power supply
3
IN+
Non-inverting input
4
IN-
Inverting input
5
VDD
Positive power supply
HT9232
Pin No.
Pin Name
Description
1
1OUT
Analog output (operation amplifier 1)
2
1IN-
Inverting input (operation amplifier 1)
3
1IN+
Non-inverting input (operation amplifier 1)
4
VSS
Negative power supply
5
2IN+
Non-inverting input (operation amplifier 2)
6
2IN-
Inverting input (operation amplifier 2)
7
2OUT
Analog output (operation amplifier 2)
8
VDD
Positive power supply
HT9234
Pin No.
Pin Name
Description
1
1OUT
Analog output (operation amplifier 1)
2
1IN-
Inverting input (operation amplifier 1)
3
1IN+
Non-inverting input (operation amplifier 1)
4
VDD
Positive power supply
5
2IN+
Non-inverting input (operation amplifier 2)
6
2IN-
Inverting input (operation amplifier 2)
7
2OUT
Analog output (operation amplifier 2)
8
3OUT
Analog output (operation amplifier 3)
9
3IN-
Inverting input (operation amplifier 3)
10
3IN+
Non-inverting input (operation amplifier 3)
11
VSS
Negative power supply
12
4IN+
Non-inverting input (operation amplifier 4)
13
4IN-
Inverting input (operation amplifier 4)
14
4OUT
Analog output (operation amplifier 4)
HT9231/HT9232/HT9234
Rev. 1.00
2
March 8, 2010
H T 9 2 3 4
1 4 D I P - A / S O P - A
H T 9 2 3 2
8 D I P - A / S O P - A
1 4
1 3
1 2
1 1
1 0
9
8
1
2
3
4
5
6
7
4 O U T
4 I N -
4 I N +
V S S
3 I N +
3 I N -
3 O U T
1 O U T
1 I N -
1 I N +
V D D
2 I N +
2 I N -
2 O U T
V D D
2 O U T
2 I N -
2 I N +
1 O U T
1 I N -
1 I N +
V S S
O U T V S S I N +
V D D
I N -
H T 9 2 3 1
T S O T 2 3 - 5
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com