Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSIG25/06 Datasheet(PDF) 3 Page - Powersem GmbH

Part # PSIG25/06
Description  IGBT Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSIG25/06 Datasheet(HTML) 3 Page - Powersem GmbH

  PSIG25/06 Datasheet HTML 1Page - Powersem GmbH PSIG25/06 Datasheet HTML 2Page - Powersem GmbH PSIG25/06 Datasheet HTML 3Page - Powersem GmbH PSIG25/06 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PSIG PSI PSIS PSSI 25/06
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
© 2002 POWERSEM reserves the right to change limits, test conditions and dimensions
0
200
400
600
800
1000
0
10
20
30
40
0
30
60
90
120
0
1
2
3
4
5
0
10
20
30
40
50
0
20
40
60
80
0
5
10
15
20
0
1
2
3
4
5
0
10
20
30
40
50
T
J = 125°C
V
CE
V
A
I
C
V
CE
A
I
C
V
nC
Q
G
-di/dt
V
V
GE
I
RM
ns
A/µs
I
RM
t
rr
9V
11V
V
GE= 17V
15V
13V
A
9V
11V
V
GE= 17V
15V
13V
0
1
2
3
0
10
20
30
40
50
V
V
F
I
F
T
J = 25°C
T
J = 125°C
A
14T60
T
J = 25°C
14T60
14T60
14T60
14T60
4
6
8
10
12
14
16
0
10
20
30
40
50
V
CE = 20V
V
V
GE
A
I
C
T
J = 25°C
T
J = 125°C
14T60
T
J = 125°C
V
R = 300V
I
F = 15A
V
CE = 300V
I
C
= 15A
Fig. 1 Typ. output characteristics
Fig. 2 Typ. output characteristics
Fig. 3 Typ. transfer characteristics
Fig. 4 Typ. forward characteristics of
free wheeling diode
Fig. 5 Typ. turn on gate charge
Fig. 6 Typ. turn off characteristics of
free wheeling diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com