Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSII6/12 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSII6/12
Description  IGBT Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSII6/12 Datasheet(HTML) 2 Page - Powersem GmbH

  PSII6/12 Datasheet HTML 1Page - Powersem GmbH PSII6/12 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSII 6/12
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Package style and outline
Dimensions in mm (1mm = 0.0394“)
Component
Symbol
Conditions
Maximum Ratings
T
VJ
-40...+150
°C
T
stg
-40...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz
3000
V~
M
d
Mounting torque (M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
a
Max. allowable acceleration
50
m/s2
Symbol
Conditions
Characteristic Values
min. typ. max.
d
S
Creepage distance on surface (Pin to heatsink)
11.2
mm
d
A
Strike distance in air (Pin to heatsink)
11.2
mm
Weight
24
g
Diodes
Symbol
Conditions
Maximum Ratings
I
F25
T
C = 25°C
12
A
I
F80
T
C = 80°C
8
A
Symbol
Symbol
Symbol
Symbol
Symbol
Conditions
Conditions
Conditions
Conditions
Conditions
Characteristic Values
Characteristic Values
Characteristic Values
Characteristic Values
Characteristic Values
min.
min.
min.
min.
min.
typ.
typ.
typ.
typ.
typ. max.
max.
max.
max.
max.
V
V
V
V
V
F
F
F
F
F
I
F = 4 A;
T
VJ =
25°C
2.4
2.5
V
T
VJ = 125°C
2.0
V
I
RM
I
F = ... A; diF/dt = ... A/µs; TVJ = 125°C
tbd
A
t
rr
V
R = 600 V; VGE = 0 V
tbd
ns
R
R
R
R
R
thJC
thJC
thJC
thJC
thJC
(per diode)
3.8 K/W
R
thJH
(per diode) with heatsink compound
7.6
K/W
Temperature Sensor NTC
Symbol
Conditions
Characteristic Values
min. typ.
max.
R
25
T = 25°C
4.75
5.0
5.25 k
Ω
B
25/50
3375
K



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com