Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSII24/06 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSII24/06
Description  IGBT Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSII24/06 Datasheet(HTML) 1 Page - Powersem GmbH

  PSII24/06 Datasheet HTML 1Page - Powersem GmbH PSII24/06 Datasheet HTML 2Page - Powersem GmbH PSII24/06 Datasheet HTML 3Page - Powersem GmbH PSII24/06 Datasheet HTML 4Page - Powersem GmbH PSII24/06 Datasheet HTML 5Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IGBT Module
PSII 24/06*
I
C25
= 19 A
Sixpack
V
CES
= 600 V
V
CE(sat)typ. = 1.9 V
Features
•
NPT IGBT’s
- positive temperature coefficient of
saturation voltage
- fast switching
•
FRED diodes
- fast reverse recovery
- low forward voltage
•
Industry Standard Package
- solderable pins for PCB mounting
- isolated DCB ceramic base plat
e
•
UL registered, E 148688
Applications
•
AC drives
•
power supplies with power factor
correction
Advantages
•
Easy to mount with two screws
•
Space and weight savings
•
Improved temperature and power
cycling capability
•
High power density
•
Small and light weight
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PAC
TM 2
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
*NTC optional
Caution: These devices are
sensitive to electrostatic discharge.
Users should observe proper ESD
handling precautions.
IGBTs
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
600
V
V
GES
± 20
V
I
C25
T
C = 25°C
19
A
I
C80
T
C = 80°C
14
A
I
CM
V
GE = ±15 V; RG = 82 Ω; TVJ = 125°C
20
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
V
CES
t
SC
V
CE = 720 V; VGE = ±15 V; RG = 82 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
73
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 10 A; VGE = 15 V; TVJ =
25°C
1.9
2.4
V
T
VJ = 125°C
2.2
V
V
GE(th)
I
C = 0.35 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES;VGE = 0 V; TVJ =
25°C
0.6 mA
T
VJ = 125°C
2.7
mA
I
GES
V
CE = 0 V; VGE =
± 20 V
100
nA
t
d(on)
35
ns
t
r
35
ns
t
d(off)
230
ns
t
f
30
ns
E
on
0.4
mJ
E
off
0.3
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
600
pF
Q
Gon
V
CE = 300 V; VGE = 15 V; IC = 10 A
39
nC
R
thJC
(per IGBT)
1.7 K/W
R
thJH
with heatsink compound (0.42 K/m.K; 50 µm)
3.4
K/W
Inductive load, T
VJ = 125°C
V
CE = 300 V; IC = 10 A
V
GE = ±15 V; RG = 82 Ω
PSII 24/06*
S9
X18
N9
L9
W14
R5
N5
H5
D5
A5
K12
K13
G1
F3
K10
A1
C1


Similar Part No. - PSII24/06

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSII100-06 POWERSEM-PSII100-06 Datasheet
466Kb / 2P
IGBT Module
PSII100-12 POWERSEM-PSII100-12 Datasheet
487Kb / 4P
IGBT Module
PSII100/06 POWERSEM-PSII100/06 Datasheet
466Kb / 2P
IGBT Module
PSII100/12 POWERSEM-PSII100/12 Datasheet
487Kb / 4P
IGBT Module
PSII15-12 POWERSEM-PSII15-12 Datasheet
102Kb / 2P
IGBT Module
More results

Similar Description - PSII24/06

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
IGBT-Module / IGBT-inverter
logo
Fuji Electric
2MBI200U2A-060 FUJI-2MBI200U2A-060 Datasheet
748Kb / 13P
IGBT module
logo
eupec GmbH
FZ600R65KF1 EUPEC-FZ600R65KF1 Datasheet
179Kb / 10P
IGBT-Module
FS100R12KT3 EUPEC-FS100R12KT3 Datasheet
308Kb / 8P
IGBT-Module
logo
Fairchild Semiconductor
SM2G50US60 FAIRCHILD-SM2G50US60 Datasheet
455Kb / 10P
IGBT MODULE
logo
Semikron International
SK9GD063 SEMIKRON-SK9GD063 Datasheet
131Kb / 2P
IGBT Module
SK30GB067 SEMIKRON-SK30GB067_06 Datasheet
320Kb / 2P
IGBT Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com