Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSII75/12 Datasheet(PDF) 3 Page - Powersem GmbH

Part # PSII75/12
Description  IGBT Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSII75/12 Datasheet(HTML) 3 Page - Powersem GmbH

  PSII75/12 Datasheet HTML 1Page - Powersem GmbH PSII75/12 Datasheet HTML 2Page - Powersem GmbH PSII75/12 Datasheet HTML 3Page - Powersem GmbH PSII75/12 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
tentative
data
sheet
product
still
under
development
Fig. 1 Typ. output characteristics
Fig. 2 Typ. output characteristics
Fig. 3 Typ. transfer characteristics
Fig. 4 Typ. forward characteristics of
free wheeling diode
Fig. 5 Typ. turn on gate charge
Fig. 6 Typ. turn off characteristics of
free wheeling diode
0,5
1,0
1,5
2,0
2,5
3,0
3,5
0
30
60
90
120
150
180
0
200
400
600
800
1000
0
40
80
120
0
100
200
300
0,0
0,5
1,0
1,5
2,0
2,5
3,0
0
20
40
60
80
100
120
0
50
100
150
200
250
0
5
10
15
20
0,0 0,5 1,0 1,5
2,0 2,5 3,0
3,5
0
20
40
60
80
100
120
13 V
11 V
T
J = 25°C
V
GE =17 V
T
J = 125°C
15 V
567
8
9
10
11
0
20
40
60
80
100
120
13 V
11 V
V
GE =17 V
15 V
V
CE = 20 V
T
J = 25°C
9 V
9 V
V
CE
V
A
I
C
V
CE
A
I
C
V
V
V
V
GE
V
F
A
I
C
A
I
F
nC
Q
G
-di/dt
V
V
GE
A
I
RM
t
rr
ns
A/
µs
T
J = 125°C
V
R = 600 V
I
F = 50 A
T
J = 25°C
I
RM
t
rr
81T120
81T120
81T120
81T120
81T120
V
CE = 600 V
I
C
= 50 A
T
J = 125°C
DWLP55-12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com