Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSII100/06 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSII100/06
Description  IGBT Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSII100/06 Datasheet(HTML) 1 Page - Powersem GmbH

  PSII100/06 Datasheet HTML 1Page - Powersem GmbH PSII100/06 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
tentative
data
sheet
product
still
under
development
IGBT Module
PSII 100/06*
I
C80
=
80 A
V
CES
=
600 V
V
CE(sat)typ.=
2.3 V
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Caution: These Devices are
sensitive to electrostatic discharge.
Users should observe proper ESD
handling precautions.
Short Circuit SOA Capability
Square RBSOA
Features
•
Package with DCB ceramic base plate
•
Isolation voltage 3000 V
∼
•
Planar glass passivated chips
•
Low forward voltage drop
•
Leads suitable for PC board
soldering
•
UL Release applied
Applications
•
AC and DC motor control
•
AC servo and robot drives
•
Power supplies
•
Welding inverters
Advantages
•
Easy to mount with four screws
•
Space and weight savings
•
Improved temperature and power
cycling capability
•
High power density
•
Small and light weight
•
Leads with expansion bend for
stress relief
*NTC optional
IGBTs
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
600
V
V
GES
± 20
V
I
C25
T
C = 25°C
120
A
I
C80
T
C = 80°C
80
A
I
CM
V
GE = ±15 V; RG = 2.2 Ω; TVJ = 125°C
200
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
360
V
t
SC
V
CE = VCES; VGE = ±15 V; RG = 2.2 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
379
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 130 A; VGE = 15 V; TVJ =
25°C
2.3
2.9
V
T
VJ = 125°C
2.6
V
V
GE(th)
I
C = 1.5 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES;VGE = 0 V;
T
VJ =
25°C
1.2 mA
T
VJ = 125°C
7.5 mA
I
GES
V
CE = 0 V; VGE =
± 20 V
400
nA
t
d(on)
25
ns
t
r
11
ns
t
d(off)
150
ns
t
f
30
ns
E
on
0.8
mJ
E
off
2.3
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
4.2
nF
R
thJC
(per IGBT)
0.33 K/W
R
thJH
with heatsink compound (0.42 K/m.K; 50 µm)
0.66
K/W
Inductive load, T
VJ = 125°C
V
CE = 300 V; IC = 80 A
V
GE = 15/0 V; RG = 2.2 Ω
ECO-TOPTM 1
V3
V6
N1
G1
Q1
V10
V9
N15
K1
V13
V12
G15
V1
U1
A1
S15
D1
A9
A7
A15
R15
typical picture, for pin
configuration see outline
drawing


Similar Part No. - PSII100/06

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSII100/12 POWERSEM-PSII100/12 Datasheet
487Kb / 4P
IGBT Module
More results

Similar Description - PSII100/06

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
IGBT-Module / IGBT-inverter
logo
Fuji Electric
2MBI200U2A-060 FUJI-2MBI200U2A-060 Datasheet
748Kb / 13P
IGBT module
logo
eupec GmbH
FZ600R65KF1 EUPEC-FZ600R65KF1 Datasheet
179Kb / 10P
IGBT-Module
FS100R12KT3 EUPEC-FS100R12KT3 Datasheet
308Kb / 8P
IGBT-Module
logo
Fairchild Semiconductor
SM2G50US60 FAIRCHILD-SM2G50US60 Datasheet
455Kb / 10P
IGBT MODULE
logo
Semikron International
SK9GD063 SEMIKRON-SK9GD063 Datasheet
131Kb / 2P
IGBT Module
SK30GB067 SEMIKRON-SK30GB067_06 Datasheet
320Kb / 2P
IGBT Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com