Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSII100/12 Datasheet(PDF) 4 Page - Powersem GmbH

Part # PSII100/12
Description  IGBT Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSII100/12 Datasheet(HTML) 4 Page - Powersem GmbH

  PSII100/12 Datasheet HTML 1Page - Powersem GmbH PSII100/12 Datasheet HTML 2Page - Powersem GmbH PSII100/12 Datasheet HTML 3Page - Powersem GmbH PSII100/12 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
tentative
data
sheet
product
still
under
development
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Fig. 7 Typ. turn on energy and switching
Fig. 8 Typ. turn off energy and switching
times versus collector current
times versus collector current
Fig. 9
Typ. turn on energy and switching
Fig.10 Typ. turn off energy and switching
times versus gate resistor
times versus gate resistor
Fig. 11 Reverse biased safe operating area
Fig. 12 Typ. transient thermal impedance
RBSOA
050
100
150
0
10
20
30
40
0
40
80
120
160
050
100
150
0
5
10
15
20
0
200
400
600
800
0,00001 0,0001
0,001
0,01
0,1
1
0,00001
0,0001
0,001
0,01
0,1
1
0
8
16
24
32
40
48
56
0
5
10
15
20
25
0
400
800
1200
1600
2000
0
8
16
24
32
40
48
56
0
5
10
15
20
25
0
40
80
120
160
200
single pulse
V
CE = 600V
V
GE = ±15V
R
G = 15Ω
T
J = 125°C
VID...125-12P1
V
CE = 600V
V
GE = ±15V
I
C
= 75A
T
J = 125°C
0
200
400
600
800 1000 1200
0
40
80
120
160
200
R
G = 15Ω
T
J = 125°C
V
CEK < VCES
V
CE = 600V
V
GE = ±15V
R
G = 15Ω
T
J = 125°C
E
on
V
CE = 600V
V
GE = ±15V
I
C
= 75A
T
J = 125°C
t
d(on)
t
r
E
off
t
d(off)
t
f
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
I
C
A
I
C
A
mJ
E
off
mJ
E
on
ns
t
ns
t
R
G
Ω
R
G
Ω
V
CE
t
s
mJ
E
on
mJ
E
off
ns
t
ns
t
I
CM
K/W
ZthJC
IGBT
diode
V
A
121T120
121T120
121T120
121T120
121T120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com