Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSIPM35/12 Datasheet(PDF) 3 Page - Powersem GmbH

Part # PSIPM35/12
Description  Converter - Brake - Inverter Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSIPM35/12 Datasheet(HTML) 3 Page - Powersem GmbH

  PSIPM35/12 Datasheet HTML 1Page - Powersem GmbH PSIPM35/12 Datasheet HTML 2Page - Powersem GmbH PSIPM35/12 Datasheet HTML 3Page - Powersem GmbH PSIPM35/12 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
tentative
data
sheet
product
still
under
development
PSIPM 35/12
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Brake Chopper Diode (FRED)
Symbol
Conditions
Maximum Ratings
I
F25
T
C = 25°C
26
A
I
F80
T
C = 80°C
17
A
Symbol
Conditions
Characteristic Values
min.
typ. max.
V
F
I
F = 17.5 A; TVJ =
25°C
2.48
2.79
V
T
VJ = 125°C
1.84
V
I
RM
I
F = 15 A; diF/dt = 400 A/µs; TVJ = 125°C
16
A
t
rr
V
R = 600 V; VGE = 0 V
130
ns
R
thJC
2.3 K/W
Brake Chopper IGBT
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
1200
V
V
GES
± 20
V
I
C25
T
C = 25°C
30
A
I
C80
T
C = 80°C
21
A
I
CM
V
GE = ±15 V; RG = 82 Ω; TVJ = 125°C
35
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
V
CES
t
SC
V
CE = VCES; VGE = ±15 V; RG = 82 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
130
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ. max.
V
CE(sat)
I
C = 25 A; VGE = 15 V; TVJ =
25°C
2.6
3.3
V
T
VJ = 125°C
2.9
V
V
GE(th)
I
C = 0.6 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES;VGE = 0 V;
T
VJ =
25°C
0.9 mA
T
VJ = 125°C
3.7 mA
I
GES
V
CE = 0 V; VGE =
± 20 V
100
nA
t
d(on)
100
ns
t
r
75
ns
t
d(off)
500
ns
t
f
70
ns
E
on
2.7
mJ
E
off
2.1
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
1
nF
R
thJC
(per IGBT)
0.96 K/W
Inductive load, T
VJ = 125°C
V
CE = 600 V; IC = 17.5 A
V
GE = 15/0 V; RG = 82 Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com