Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSIPM100/06 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSIPM100/06
Description  Converter - Brake - Inverter Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSIPM100/06 Datasheet(HTML) 1 Page - Powersem GmbH

  PSIPM100/06 Datasheet HTML 1Page - Powersem GmbH PSIPM100/06 Datasheet HTML 2Page - Powersem GmbH PSIPM100/06 Datasheet HTML 3Page - Powersem GmbH PSIPM100/06 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
tentative
data
sheet
product
still
under
development
Converter - Brake - Inverter Module
Features
•
Package with DCB ceramic base plate
•
High level of integration - only one
power semiconductor module required
for the whole drive
•
Planar glass passivated chips
•
NPT IGBT technology with low
saturation voltage, low switching
losses, high RBSOA and short circuit
ruggedness
•
Epitaxial free wheeling diodes with
hiperfast and soft reverse recovery
•
Temperature sense included
•
Leads suitable for PC board
soldering
•
UL Release applied
Application: AC motor drives with
•
Input from single or three phase grid
•
Three phase synchronous or
asynchronous motor
•
Electric braking operations
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Caution: These Devices are sensitive
to electrostatic discharge. Users should
observe proper ESD handling precautions.
PSIPM 100/06
Symbol
Test Conditions
Characteristic Value
I
R
V
R = VRRM, TVJ = TVJM
≤
3
mA
V
R = VRRM, TVJ = 25°C
≤
0
.5mA
V
F
I
F = 55 A, TVJ = 25 °C
≤
1.46
V
V
TO
For power-loss calculations only
0.8
V
r
T
13
m
Ω
R
thJC
per diode; DC
1.1
K/W
I*
dAV
T
C = 100 °C,
(per circuit)
68
A
I
FSM
T
VJ = 25°C; t = 10 ms; sin 50 Hz
300
A
V
RRM
1600
V
Symbol
Test Conditions
Maximum Ratings
Three Phase
Brake Chopper
Three Phase
Rectifier
Inverter
V
RRM
= 1600 V
V
CES
= 600 V
V
CES
= 600 V
I
FAVM
= 68 A
I
C25
= 69 A
I
C25
= 121 A
I
FSM
= 300 A
V
CE(sat) =
2.3 V
V
CE(sat) =
2.3 V
Input Rectifiers
ECO-TOPTM 1
V4
V7
F1
C1
A15
A10
A5
V15
F15
H1
U1
V1
N1
L1
P1
R1
H15
N15
S15
U15
D15
J15
O15
V13
V11
Q15
L15


Similar Part No. - PSIPM100/06

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
Converter - Brake - Inverter Module
More results

Similar Description - PSIPM100/06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW35-06A6K IXYS-MUBW35-06A6K Datasheet
124Kb / 4P
Converter - Brake - Inverter Module
MUBW30-12A6 IXYS-MUBW30-12A6 Datasheet
290Kb / 8P
Converter - Brake - Inverter Module
MUBW50-12E8 IXYS-MUBW50-12E8 Datasheet
91Kb / 4P
Converter - Brake - Inverter Module
logo
Powersem GmbH
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
Converter - Brake - Inverter Module
PSIPM35-12 POWERSEM-PSIPM35-12 Datasheet
727Kb / 4P
Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
Converter - Brake - Inverter Module
PSIPM3512 POWERSEM-PSIPM3512 Datasheet
727Kb / 4P
Converter - Brake - Inverter Module
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW25-06A6 IXYS-MUBW25-06A6 Datasheet
213Kb / 8P
Converter - Brake - Inverter Module
MUBW100-06A8 IXYS-MUBW100-06A8 Datasheet
98Kb / 4P
Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com