Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA31002 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TA31002
Description  TELEPHONE TONE RINGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA31002 Datasheet(HTML) 2 Page - Unisonic Technologies

  TA31002 Datasheet HTML 1Page - Unisonic Technologies TA31002 Datasheet HTML 2Page - Unisonic Technologies TA31002 Datasheet HTML 3Page - Unisonic Technologies TA31002 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCTA31002
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R108-004,A
BLOCK DIAGRAM
LOW
OSC
HIGH
OSC
AMP
POWER SUPPLY (WITH HYSTERESIS)
8
6
7
4
3
1
5
2
OUTPUT
R2
R1
C2
C1
Note:R1,R2,C1 and C2 are partsexternally mounted
ELECTRICAL CHARACTERISTICS( Ta=25
°C )
(All voltage referenced to GND unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
Vopr
29
V
Initiation Supply Voltage
Vsi
(note 1)
17
19
21
V
Sustaining Supply Voltage
Vsus
(note 2)
10.5
12
-
V
Initiation Current Consumption
Isi
No-Load
1.4
3.3
4.2
mA
Sustaining Current Consumption
Isus
0.7
1.4
2.5
mA
fL
C1=0.47
µF,R1=165kΩ
9
10
11
Hz
Oscillation Frequency (not3)
fH1
C2=6800pF,R2=191k
Ω
461
512
563
Hz
fH2
576
640
703
Hz
Output Voltage
“ H” Level
VOH
Vcc=24V,VOH=-10mA
PIN7=GND
20.0
21.5
22.5
V
Output Voltage
“L” Level
VOL
Vcc=24V,VOL=10mA
PIN7=7V
0.7
1.0
2.0
V
*NOTE : 1. Initiation supply voltage (Vsi) is a supply voltage required to start oscillation of the tone ringer.
2. Sustaining supply voltage (Vsus) is a supply voltage required to maintain oscillation of the tone ringer.
3. Oscillation frequency is determined by the following equations 1,2,and 3.
(1) fL=1/1.234
•R1•C1 (Hz) ; (2)fH1=1/1.515•R2•C2 (Hz); (3)fH2=1.24 fH1(Hz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com