Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRFMB600E6 Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # PRFMB600E6
Description  IGBT Module-Dual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PRFMB600E6 Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  PRFMB600E6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PRFMB600E6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PRFMB600E6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PRFMB600E6 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
00
日本インター株式会社
PRFMB600E6
PRFMB600E6C
01
23
4
0
200
400
600
800
1000
1200
Forward Voltage VF (V)
Fig.13- Forward Characteristics of Free Wheeling Diode
(Typical)
TC=25°C
TC=125°C
0
600
1200
1800
2400
3000
3600
20
50
100
200
500
1000
-di/dt (A/µs)
Fig.14- Reverse Recovery Characteristics (Typical)
IRrM
trr
IF=600A
TC=25°C
TC=125°C
10-5
10-4
10-3
10-2
10-1
1101
3x10-4
1x10-3
3x10-3
1x10-2
3x10-2
1x10-1
3x10-1
1
Time t (s)
Fig.16- Transient Thermal Impedance
TC=25°C
1 Shot Pulse
FRD
IGBT
0
200
400
600
800
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
2000
5000
Collector to Emitter Voltage V CE (V)
Fig.15- Reverse Bias Safe Operating Area
RG=2.0 , VGE=±15V, TC<125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com