Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7640AP Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TA7640AP
Description  AM/FM IF PROCESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7640AP Datasheet(HTML) 3 Page - Unisonic Technologies

  TA7640AP Datasheet HTML 1Page - Unisonic Technologies TA7640AP Datasheet HTML 2Page - Unisonic Technologies TA7640AP Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTCTA7640AP LINEAR INTEGRATED CIRCUIT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R110-007,A
PARAMETER
SYMBOL
CHART
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Leverl Meter Driving
Voltage
VM
1
VIN=100dB
µ
1.6
1.75
1.9
V
Led Driving Sensitivity
VL
1
IL=1mA
46
52
dB
AM
Gain
GV
1
VIN=26dB
µ
20
30
60
mVrms
Detector Output Voltage
VOD
1
VIN=60dB
µ
65
95
125
mVrms
Signal To Noise Ratio
S/N
1
VIN=60dB
µ
47
dB
Total Harmonic
Distortion
THD
1
VIN=60dB
µ
1
%
Signal Meter Output
VM
1
VIN=100dB
µ
1.6
1.75
1.9
V
Level Meter Driving
Voltage
VL
1
IL=1mA
32
dB
µ
Oscillation Stop Voltage
Vstop
1
RDUMP=
∝
1.5
V
Pin 5 Output Impedance
R09
f=1KHZ
3
K
Ω
TEST CIRCUIT
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Vin
Vin
FM IN
AM IN
75
Ω
220
Ω
50
Ω
0.033
µF
50
Ω
22
µF
390
Ω
LED
100
Ω
VL(ON)
FM\AM
OUT
mA
Vcc=5V
10
Ω
0.015
µF
0.01
µF
0.022
µF
0.022
µF
FM CLOSE
FM OPEN
UTC TA7640AP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com