Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHT550-16F Datasheet(PDF) 2 Page - RFE international

Part # FHT550-16F
Description  Radial Leaded PPTC FHT Series: High Temperature, 125째C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FHT550-16F Datasheet(HTML) 2 Page - RFE international

  FHT550-16F Datasheet HTML 1Page - RFE international FHT550-16F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THERMAL DERATING CURVE
TYPICAL TIME-TO-TRIP AT 23°C
CAUTION: FRH devices are not intended for continous use of Line Voltage such as 120 VAC`600VAC and above.
NOTE: All Specification subject to change without notice.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
A
B
C D
E FGH I J K L M
N OP
1000
100
10
1
0.1
0.01
1
10
100
Fault Current (A)
A =
FHT200-16F
B =
FHT300-16F
C =
FHT400-16F
D =
FHT450-16F
E =
FHT550-16F
F =
FHT600-16F
G =
FHT650-16F
H =
FHT700-16F
I
=
FHT750-16F
J =
FHT800-16F
K =
FHT900-16F
L = FHT1000-16F
M = FHT1100-16F
N = FHT1300-16F
O = FHT1400-16F
P = FHT1500-16F
Radial Leaded PPTC
FHT Series: High Temperature, 125°C
C5EB06
2008.2.4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com