Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCTL494 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCTL494
Description  VOLTAGE MODE PWM CONTROL CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTL494 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCTL494 Datasheet HTML 1Page - Unisonic Technologies UTCTL494 Datasheet HTML 2Page - Unisonic Technologies UTCTL494 Datasheet HTML 3Page - Unisonic Technologies UTCTL494 Datasheet HTML 4Page - Unisonic Technologies UTCTL494 Datasheet HTML 5Page - Unisonic Technologies UTCTL494 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UTCTL494
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R103-004,A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Standard Deviation of Frequency
All Values of Vcc CT, RT, TA
constant
10
%
Frequency Change with Voltage
Vcc=7v to 40V,Ta=25
°C
0.1
%
Frequency Change with
Temperature
CT=0.01
µF,RT=12kΩ,∆TA=MIN
to MAX
12
%
Amplifier Section
Input Offset Voltage
Error
Vo(pin 3)=2.5V
2
10
mV
Input Offset Current
Vo(pin 3)=2.5V
25
250
nA
Input Bias Current
Vo(pin 3)=2.5V
0.2
1
µA
Common-Mode Input Voltage
Range
Error
Vcc=7V to 40 V
-0.3 to
Vcc-2
V
Open-Loop Voltage Amplification
∆Vo=3V, Vo=0.5V to 3.5V
70
95
dB
Unity-Gain Bandwidth
800
kHz
Common-Mode Rejection Ratio
Error
Vcc=40V,TA=25
°C
65
80
dB
Output Sink Current(pin 3)
VID=-15mV to -5V
V(pin 3)=0.5V
0.3
0.7
mA
Output source Current(pin 3)
VID=15mV to -5V V(pin 3)=3.5V
-2
mA
Output Section
Collector off-state current
VCE=40V,Vcc=40V
2
100
µA
Emitter off-state Current
VCC=VC=40V,VE=0
-100
µA
Collector -emitter Saturation
Voltage
Common-
emitter
VE=0,Ic=200mA
1.1
1.3
V
Emitter-
Follower
Vc=15V,IE=-200mA
1.5
2.5
Output Control Input Current
Vi=Vref
3.5
mA
Dead Time Control Section
Input bias (pin 4)
Vi=0 to 5.25V
-2
-10
µA
Maximum duty cycle, each output
VI(pin 40=0
45
%
Input threshold Voltage(pin 4)
Zero duty Cycle
3
3.3
V
Maximum duty cycle
0
PWM comparator Section
Input Threshold Voltage(pin 3)
Zero Duty cycle
4
4.5
V
Input Sink Current (pin 3)
Vpin 3= 0.7V
0.3
0.7
mA
Total Device
Standby Supply Current
Vcc=15V
pin 6 at Vref,all other Inputs and
outputs open
6
10
mA
Vcc=40V
9
15
Average supply current
Vpin 4=2V
7.5
mA
Switching Characteristics,Ta=25
°C
Output Voltage Rise Time
Common-emitter configuration
100
200
ns
Output Voltage Fall Time
25
100
ns
Output Voltage Rise Time
Emitter-follower configuration
100
200
ns
Output Voltage Fall Time
40
100
ns
note 1:All typical Values except for temperature coefficient are at Ta=25
°C.
note 2:For conditions shown as MIN or MAX, use appropriate value under recommended operating conditions.
note 3:Duration of the short-circuit should
not exceed one second.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com