Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSR120F Datasheet(PDF) 2 Page - RFE international

Part # FSR120F
Description  STRAP TYPE PPTC FSR Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSR120F Datasheet(HTML) 2 Page - RFE international

  FSR120F Datasheet HTML 1Page - RFE international FSR120F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THERMAL DERATING CURVE
TYPICAL TIME-TO-TRIP AT 23°C
Thermal Derating Curve - FSR Series
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (C)
A
B
C
D
E
0.001
0.01
0.1
1
10
100
1
10
100
Fault Current ( A)
NOTE: All specification subject to change without notice.
STRAP TYPE PPTC
FSR Series
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
A = FSR120F
B = FSR175F
C = FSR200F
D = FSR350F
E = FSR420F
RoHS
ü
C5EC01
REV 2007.03.1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com