Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB110F Datasheet(PDF) 1 Page - RFE international

Part # FUSB110F
Description  Radial Leaded PPTC FUSB Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FUSB110F Datasheet(HTML) 1 Page - RFE international

  FUSB110F Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Radial Leaded PPTC
FUSB Series
C5EB04
REV 2007.03.1
FEATURES
ELECTRICAL CHARACTERISTICS (23°C)
IH=Hold current-maximum current at which the device will not trip at 23°C still air.
IT=Trip current-maximum current at which the device will always trip at 23°C still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX=Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in the tripped state in 23°C still air environment.
R MIN=Minimum device resistance at 23°C.
R1MAX=Maximum device resistance at 23°C, 1 hour after tripping.
Physical specifications:
Lead material: Tin plated Copper, 24 AWG.
Soldering characteristics: Soldering ability per ANSI/J-STD 002
Solder heat withstand per IEC 68-2-20
FUSB 120: Test Tb, method 1a, condition a; can withstand 5 second at 260°C ± 5°C
All others: Test Tb, method 1a, condition a; can withstand 10 second at 260°C ± 5°C
Insulating coating: Flame retardant epoxy, meets UL 94V-0 requirement.
Thermal Derating Curve - FUSB Series
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (C)
THERMAL DERATING CURVE
A
B
C D E
F
G H I
0.001
0.01
0.1
1
10
100
1
10
100
Fault current (A)
TYPICAL TIME-TO-TRIP AT 23°C
AGENCY RECOGNITION
UL (E211981)
C-UL (E211981)
TÜV (R3-50004084)
FUSB PRODUCT DIMENSIONS (MILLIMETERS)
NOTE: All specification subject to change without notice.
Lead Size: 24AWG (0.51mm)
Lead Size: 24AWG (0.51mm)
Low resistance, fast trip time, lower trip-to-hold ratio
Operation Current: 750mA ~ 2.5A
Maximum Voltage: 16V/30V
Temperature Range: -40°C to 85°C
Application: Low voltage USB equipment
FUSB075
FUSB120
FUSB155
FUSB090
FUSB110
FUSB135
FUSB160
FUSB185
FUSB250
A=
B=
C=
D=
E=
F=
G=
H=
I=
Figure 1
Figure 2
RoHS
ü
A
B
C
D
E
F
Maximum Maximum Typical Minimum Maximum Typical
FUSB075F
2
6.9
11.4
5.1
7.6
3.0
0.8
FUSB090F
1
7.4
12.2
5.1
7.6
3.0
0.8
FUSB110F
1
7.4
14.2
5.1
7.6
3.0
0.8
FUSB120F
2
6.9
11.7
5.1
7.6
3.0
0.8
FUSB135F
1
8.9
13.5
5.1
7.6
3.0
0.8
FUSB155F
2
6.9
11.7
5.1
7.6
3.0
0.8
FUSB160F
1
8.9
15.2
5.1
7.6
3.0
0.8
FUSB185F
1
10.2
15.7
5.1
7.6
3.0
0.8
FUSB250F
1
11.4
18.3
5.1
7.6
3.0
0.8
Part Number Fig
RMIN
R1MAX
IH, A
IT, A
at 8A at 5xIH
IMAX, A
VMAX, Vdc
Pd, W
OHMS
OHMS
FUSB075F
0.75
1.3
0.4
--
40
16
0.3
0.080
0.230
FUSB090F
0.90
1.8
1.2
5.9
40
16/30
0.6
0.070
0.180
FUSB110F
1.10
2.2
2.3
6.6
40
16/30
0.7
0.050
0.140
FUSB120F
1.20
2.0
0.5
--
40
16
0.6
0.040
0.140
FUSB135F
1.35
2.7
4.5
7.3
40
16/30
0.8
0.040
0.120
FUSB155F
1.55
2.7
0.6
--
40
16
0.7
0.030
0.120
FUSB160F
1.60
3.2
9.0
8.0
40
16/30
0.9
0.030
0.110
FUSB185F
1.85
3.7
10.0
8.7
40
16/30
1.0
0.030
0.090
FUSB250F
2.50
5.0
40.0
10.3
40
16/30
1.2
0.020
0.070
Resistance Tolerance
Rated
Voltage
Typical
Power
Part Number
Hold
Current
Trip
Current
Maximum
Current
Maximum
time to trip


Similar Part No. - FUSB110F

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FUSB110F FUZETEC-FUSB110F Datasheet
138Kb / 4P
Radial Leaded PTC Resettable Fuse: FUSB Series
logo
RFE international
FUSB110F RFE-FUSB110F Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
More results

Similar Description - FUSB110F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FUSB075 DBLECTRO-FUSB075 Datasheet
112Kb / 3P
Radial Leaded PTC FUSB Series
logo
RFE international
FBR100UF RFE-FBR100UF Datasheet
189Kb / 2P
Radial Leaded PPTC FBR Series
FRG250-16F RFE-FRG250-16F Datasheet
124Kb / 1P
Radial Leaded PPTC FRG Series
FRH080-250UF RFE-FRH080-250UF Datasheet
122Kb / 2P
Radial Leaded PPTC FRH Series
FRT050-33F RFE-FRT050-33F Datasheet
145Kb / 2P
Radial Leaded PPTC FRT Series
FRU090-30F RFE-FRU090-30F Datasheet
161Kb / 2P
Radial Leaded PPTC FRU Series
FRV005-240F RFE-FRV005-240F Datasheet
154Kb / 2P
Radial Leaded PPTC FRV Series
FRVL010-120F RFE-FRVL010-120F Datasheet
215Kb / 2P
Radial Leaded PPTC FRVL Series
FRX005-60F RFE-FRX005-60F Datasheet
202Kb / 2P
Radial Leaded PPTC FRX Series
logo
Fuzetec Technology Co.,...
FUSB075F FUZETEC-FUSB075F Datasheet
138Kb / 4P
Radial Leaded PTC Resettable Fuse: FUSB Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com