Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS0804 Datasheet(PDF) 1 Page - RFE international

Part # ICS0804
Description  SURFACE MOUNT INDUCTOR ICS Series: Shielded Power Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

ICS0804 Datasheet(HTML) 1 Page - RFE international

  ICS0804 Datasheet HTML 1Page - RFE international ICS0804 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series
Dimension
A
B
C
D
E
F
F1
W
ICS0804 8.0±0.2
10.5±0.2
3.7±0.3
2.1±0.2
2.0±0.2
6.0±0.3
ICS0805 8.0±0.2
10.5±0.2
4.5±0.3
2.1±0.2
2.0±0.2
6.0±0.3
ICS0906 9.5±0.3
10.5
6.0±0.3
2.5±0.3
11.0±0.5
12.7±0.8
0.7±0.1
ICS0908 9.5±0.3
10.5
7.5±0.3
2.5±0.3
11.0±0.5
12.7±0.8
0.7±0.1
ICS1003 10.3±0.2
12.7±0.2
2.7±0.3
2.4±0.2
2.5±0.2
7.6±0.3
DIMENSIONS (mm)
REV 2002.05.16
C4BC05
SURFACE MOUNT INDUCTOR
ICS Series: Shielded Power Choke
F
D
A
B
C
Pin 1 Marking
B
A
C
H
G
D
E
F
8
5
4
1
4
1
0804, 0805 & 1003
0906 & 0908
DIMENSIONS (mm)
PART NUMBER EXAMPLE
ICS 0805 -180 Y R
Packaging
Tolerance
Inductance
Size
Series
DC
Rated
DC
Rated
DC
Rated
DC
Rated
DC
Rated
Resistance Current
Resistance Current
Resistance Current
Resistance Current
Resistance Current
uH
Code
%
Code
(W)
(A)
%
Code
(W)
(A)
%
Code
(W)
(A)
%
Code
(W)
(A)
% Code
(W)
(A)
2.2
2R2
20%
M
0.040
2.50
20%
M
0.045
2.76
3.9
3R9
20%
M
0.055
2.10
4.7
4R7
20%
M
0.078
1.9
5
5R0 20%
M
0.080
1.70
5.6
5R6
20%
M
0.065
1.95
7.5
7R5 20%
M
0.100
1.40
20%
M
0.100
1.44
8.2
8R2
20%
M
0.080
1.75
10
100 20%
M
0.120
1.20
20%
M
0.100
1.50
20%
M
0.800
1.80
20%
M
0.040
3.00
20%
M
0.145
1.24
12
120 20%
M
0.150
1.10
20%
M
0.120
1.40
20%
M
0.050
2.50
15
150 20%
M
0.170
1.00
20%
M
0.140
1.30
20%
M
0.100
1.60
20%
M
0.065
2.20
20%
M
0.200
1.02
18
180 15%
Y
0.190
0.90
15%
Y
0.160
1.20
20%
M
0.075
2.00
22
220 15%
Y
0.250
0.80
15%
Y
0.180
1.10
20%
M
0.130
1.40
20%
M
0.080
1.90
20%
M
0.300
0.8
27
270 15%
Y
0.270
0.70
15%
Y
0.200
1.00
20%
M
0.090
1.80
33
330 15%
Y
0.300
0.65
15%
Y
0.240
0.92
20%
M
0.150
1.20
20%
M
0.100
1370
20%
M
0.450
0.7
39
390 15%
Y
0.380
0.60
15%
Y
0.260
0.84
20%
M
0.135
1.50
47
470 10%
K
0.460
0.55
15%
Y
0.280
0.75
20%
M
0.180
1.00
20%
M
0.150
1.40
20%
M
0.650
0.6
56
560 10%
K
0.600
0.50
10%
K
0.380
0.68
20%
M
0.165
1.35
68
680 10%
K
0.700
0.45
10%
K
0.440
0.60
20%
M
0.350
0.85
20%
M
0.184
1.25
20%
M
0.800
0.48
82
820 10%
K
0.800
0.40
10%
K
0.550
0.54
20%
M
0.260
1.05
100
101
10%
K
0.600
0.50
15%
Y
0.420
0.70
15%
Y
0.28
1000
20%
M
1.400
0.4
120
121
10%
K
0.750
0.45
15%
Y
0.34
900
150
151
15%
Y
0.550
0.60
15%
Y
0.45
800
20%
M
1.800
0.32
180
181
15%
Y
0.50
700
220
221
15%
Y
1.000
0.48
15%
Y
0.60
650
20%
M
2.200
0.26
270
271
15%
Y
0.70
600
330
331
15%
Y
1.300
0.40
15%
Y
0.80
550
390
391
15%
Y
1.00
500
470
471
15%
Y
1.600
0.35
15%
Y
1.15
450
560
561
15%
Y
1.50
380
680
681
15%
Y
3.200
0.25
15%
Y
1.70
350
820
821
15%
Y
2.20
320
1000
102
15%
Y
4.000
0.22
15%
Y
2.50
300
1500
152
15%
Y
5.200
0.18
15%
Y
4.00
250
2200
222
15%
Y
8.500
0.16
15%
Y
5.00
200
3300
332
15%
Y
11.000
0.12
15%
Y
8.00
150
4700
472
15%
Y
19.000
0.10
15%
Y
12.00
120
6800
682
15%
Y
24.000
0.09
15%
Y
16.50
100
10000
103
15%
Y
38.000
0.07
15%
Y
26.00
95
15000
153
15%
Y
40.00
75
Inductance
Tolerance
ICS1003
ICS0908
Tolerance
ICS0804
Tolerance
Tolerance
ICS0906
ICS0805
Tolerance
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - ICS0804

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
ICS08 CARLOGAVAZZI-ICS08 Datasheet
1Mb / 12P
ICS08 3-wire DC
ICS08S30F01NC CARLOGAVAZZI-ICS08S30F01NC Datasheet
1Mb / 12P
ICS08 3-wire DC
ICS08S30F01NCM5 CARLOGAVAZZI-ICS08S30F01NCM5 Datasheet
1Mb / 12P
ICS08 3-wire DC
ICS08S30F01NO CARLOGAVAZZI-ICS08S30F01NO Datasheet
1Mb / 12P
ICS08 3-wire DC
ICS08S30F01NOM5 CARLOGAVAZZI-ICS08S30F01NOM5 Datasheet
1Mb / 12P
ICS08 3-wire DC
More results

Similar Description - ICS0804

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1210 VISHAY-ISC1210 Datasheet
138Kb / 1P
Surface Mount, Molded, Shielded Inductor
28-Aug-02
ISC-1008 VISHAY-ISC-1008 Datasheet
288Kb / 2P
Surface Mount Wirewound Shielded Inductor
12-May-05
ISC-1008 VISHAY-ISC-1008_06 Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
ISC-1210 VISHAY-ISC-1210 Datasheet
79Kb / 2P
Surface Mount, Molded, Shielded Inductor
22-May-07
logo
API Delevan
SDS130R API-SDS130R Datasheet
1Mb / 1P
Surface Mount Shielded Power Choke
SDS680R API-SDS680R Datasheet
1Mb / 1P
Surface Mount Shielded Power Choke
SDS850R API-SDS850R Datasheet
1Mb / 1P
Surface Mount Shielded Power Choke
logo
KOA Speer Electronics, ...
SDR0805TTEB100M KOA-SDR0805TTEB100M Datasheet
226Kb / 3P
shielded power choke coil inductor
logo
Vishay Siliconix
ISC-1008 VISHAY-ISC-1008_17 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC1008 VISHAY-ISC1008 Datasheet
127Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com