Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1003 Datasheet(PDF) 2 Page - RFE international

Part # ICS1003
Description  SURFACE MOUNT INDUCTOR ICS Series: Shielded Power Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

ICS1003 Datasheet(HTML) 2 Page - RFE international

  ICS1003 Datasheet HTML 1Page - RFE international ICS1003 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT INDUCTOR
ICS Series: Shielded Power Choke
DC
Rated
DC
Rated
DC
Rated
DC
Rated
Resistance Current
Resistance Current
Resistance Current
Resistance Current
uH
Code
%
Code
(W)
(A)
%
Code
(W)
(A)
%
Code
(W)
(A)
%
Code
(W)
(A)
2.2
2R2 20%
M
0.027
3.10
2.5
2R5
20%
M
24.000
5.00
20%
M
0.016
6.20
20%
M
0.011
7.50
3
3R0 20%
M
0.030
2.90
3.9
3R9
4.5
4R5
20%
M
0.014
6.50
4.7
4R7 20%
M
0.040
2.50
5
5R0 20%
M
0.04
2.45
20%
M
35.000
4.00
20%
M
0.022
4.70
5.6
5R6
6.5
6R5
20%
M
0.018
6.00
7
7R0 20%
M
0.055
2.20
7.5
7R5
20%
M
0.025
3.80
8.2
8R2
10
100 20%
M
0.065
2.00
20%
M
54.000
3.00
20%
M
0.035
3.30
20%
M
0.021
5.00
12
120 20%
M
0.080
1.80
20%
M
0.038
3.00
20%
M
0.025
4.80
15
150 20%
M
0.085
1.70
20%
M
0.042
2.80
20%
M
0.036
4.00
18
180 15%
Y
0.090
1.60
20%
M
0.050
2.50
20%
M
0.040
3.80
22
220 15%
Y
0.100
1.40
20%
M
0.062
2.30
20%
M
0.043
3.50
25
250
20%
M
120.000
2.00
27
270 15%
Y
0.120
1.30
20%
M
0.068
2.00
20%
M
0.048
3.00
33
330 15%
Y
0.160
1.20
15%
Y
0.090
1.90
15%
Y
0.062
2.80
39
390 15%
Y
0.180
1.05
15%
Y
0.100
1.75
15%
Y
0.076
2.50
47
470 15%
Y
0.190
1.00
15%
Y
0.130
1.60
15%
Y
0.085
2.20
50
500
15%
M
200.000
1.50
56
560 15%
Y
0.210
0.90
15%
Y
0.155
1.45
15%
Y
0.110
2.00
68
680 15%
Y
0.340
0.82
15%
Y
0.170
1.30
15%
Y
0.135
1.80
75
750
15%
M
330.000
1.20
82
820 15%
Y
0.380
0.75
15%
Y
0.185
1.20
15%
Y
0.150
1.60
100
101 10%
K
0.420
0.68
10%
M
400.000
1.00
15%
Y
0.220
1.10
15%
Y
0.170
1.50
120
121 10%
K
0.460
0.60
15%
Y
0.260
1.00
150
151 10%
K
0.520
0.55
10%
K
0.320
0.90
180
181 10%
K
0.700
0.50
10%
K
0.330
0.80
220
221 10%
K
0.800
0.45
10%
K
0.460
0.70
10%
K
0.380
1.10
270
271 10%
K
1.100
0.40
10%
K
0.520
0.65
330
331 10%
K
1.200
0.35
10%
K
0.660
0.60
10%
K
0.650
0.85
390
391 10%
K
1.400
0.33
10%
K
0.870
0.55
470
471
10%
K
0.970
0.50
10%
K
0.850
0.70
560
561
10%
K
1.320
0.45
680
681
10%
K
1.500
0.40
820
821
10%
K
1.700
0.35
1000
102
10%
K
1.650
0.50
1500
152
2200
222
3300
332
4700
472
6800
682
10000 103
15000 153
Inductance
Tolerance
ICS1205
Tolerance
ICS1005
ICS1206
ICS1208
Tolerance
Tolerance
Series
Dimension
A
B
C
D
E
F
ICS1005 10.0±0.2
12.7±0.2
4.9±0.3
2.4±0.2
2.5±0.2
7.6±0.3
ICS1205 12.7±0.3
12.7±0.3
5.0±0.5
2.3±0.2
5.0±0.2
ICS1206 12.7±0.3
12.7±0.3
6.0±0.5
2.3±0.2
5.0±0.2
ICS1208 12.7±0.3
12.7±0.3
8.0±0.5
2.3±0.2
5.0±0.2
DIMENSIONS (mm)
F
D
A
B
C
A
B
E
F
C
1005
1205, 1206 & 1208
DIMENSIONS (mm)
PART NUMBER EXAMPLE
ICS 1206 -180 M R
Packaging
Tolerance
Inductance
Size
Series
C4BC05
REV 2002.05.16
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com