Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIH2012F-2N2 Datasheet(PDF) 1 Page - RFE international

Part # IIH2012F-2N2
Description  SURFACE MOUNT INDUCTORS IIH2012 Series: 0805 Multilayer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

IIH2012F-2N2 Datasheet(HTML) 1 Page - RFE international

  IIH2012F-2N2 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C4BB03
SURFACE MOUNT INDUCTORS
IIH2012 Series: 0805 Multilayer
Size 0805
Thickness: 1.0mm ±0.25
2.0±0.2
1.25
±0.2
0.6 to 1.25
0.5±0.3
Size in mm
Q-Frequency
F10N
F22N
F47N
10
50 100
500 1000
5000
100
80
60
40
20
Q
Impedance-Frequency
F10N
F22N
F47N
10000
5000
1000
500
100
50
10
5
20
50 100 200
500 1000 2000
5000
Frequency (MHz)
Inductance-Temperature
F47N
F10N
F22N
F10N
F22N
F47N
1.5
1
0.5
0
-0.5
-1
-1.5
-2
-25
0
20
50
85
(-13)
(32)
(68)
(122)
(185)
Temperature C ( F)
°°
ELECTRICAL CHARACTERISTICS
FEATURES
•Low Inductance
•High Frequency
Part
Inductance
Test Freq.
Q
SRF
RDC
IDC
Number
(nH)
(MHz)
25 MHz 50 MHz 100 MHz 800 MHz
Typ.
Max.
Max
(MHz)
(W)
(mA)
IIH2012F-1N5 1.5 S
100
13
40
>6000
0.1
300
IIH2012F-1N8 1.8 S
100
13
45
>6000
0.1
300
IIH2012F-2N2 2.2 S
100
13
48
>6000
0.1
300
IIH2012F-2N7 2.7 S
100
12
36
>6000
0.1
300
IIH2012F-3N3 3.3 S K M
100
13
56
>6000
0.1
300
IIH2012F-3N9 3.9 S K M
100
15
54
5400
0.2
300
IIH2012F-4N7 4.7 S K M
100
15
50
4500
0.2
300
IIH2012F-5N6 5.6 S K M
100
15
53
4000
0.2
300
IIH2012F-6N8 6.8 J K M
100
15
51
3650
0.3
300
IIH2012F-8N2 8.2 J K M
100
15
53
3000
0.3
300
IIH2012F-10N 10
J K M
100
16
45
2500
0.3
300
IIH2012F-12N 12
J K M
100
16
48
2450
0.4
300
IIH2012F-15N 15
J K M
100
17
48
2000
0.4
300
IIH2012F-18N 18
J K M
100
17
43
1750
0.5
300
IIH2012F-22N 22
J K M
100
17
47
1700
0.5
300
IIH2012F-27N 27
J K M
100
18
38
1550
0.6
300
IIH2012F-33N 33
J K M
100
18
35
1350
0.6
300
IIH2012F-39N 39
J K M
100
18
40
1300
0.7
300
IIH2012F-47N 47
J K M
100
18
33
1200
0.7
300
IIH2012F-56N 56
J K M
100
19
31
1150
0.8
300
IIH2012F-68N 68
J K M
100
19
28
1000
0.9
300
IIH2012F-82N 82
J K M
100
20
9
850
0.9
300
IIH2012F-R10 100 J K M
100
13
18
730
1.0
300
IIH2012F-R12 120 J K M
50
15
19
650
1.3
250
IIH2012F-R15 150 J K M
50
16
20
550
1.5
250
IIH2012F-R18 180 J K M
50
17
20
500
1.8
250
IIH2012F-R22 220
K M
50
17
20
450
2.0
200
IIH2012F-R27 270
K M
25
13
18
400
2.5
200
IIH2012F-R33 330
K M
25
15
18
380
3.0
150
IIH2012F-R39 390
K M
25
15
18
330
3.5
150
IIH2012F-R47 470
K M
25
13
16
300
4.0
150
Tolerance: S = ±0.3nH, J = ±5%, K = ±10%, M = ±20%
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Description - IIH2012F-2N2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB0040805 LITTELFUSE-PGB0040805 Datasheet
115Kb / 3P
PGB Series 0805 Surface Mount ESD Suppressor
logo
Bi technologies
BMC BITECH-BMC Datasheet
245Kb / 3P
Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
logo
Rhombus Industries Inc.
L-15100 RHOMBUS-IND-L-15100 Datasheet
36Kb / 1P
Surface Mount Inductors
logo
API Delevan
M0820-00K API-M0820-00K Datasheet
42Kb / 1P
Surface Mount Inductors
logo
RFE international
FSMD010-0805 RFE-FSMD010-0805 Datasheet
272Kb / 2P
Surface Mount PPTC FSMD 0805 Series
II1608K47M RFE-II1608K47M Datasheet
56Kb / 1P
SURFACE MOUNT INDUCTORS II1608 Series: 0603 Multilayer
II2012K47N RFE-II2012K47N Datasheet
54Kb / 1P
SURFACE MOUNT INDUCTORS II2012 Series: 0805 Multilayer
II3216K47N RFE-II3216K47N Datasheet
55Kb / 1P
SURFACE MOUNT INDUCTORS II3216 Series: 1206 Multilayer
logo
CAMBION Electronic Comp...
555-0805 CAMBION-555-0805 Datasheet
41Kb / 2P
Chip inductors, wire wound, surface mount, 0805 package
logo
XFMRS Inc.
XF0256S7 XFMRS-XF0256S7 Datasheet
55Kb / 1P
SURFACE MOUNT INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com