Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRB0608 Datasheet(PDF) 2 Page - RFE international

Part # IRB0608
Description  THRU-HOLE INDUCTORS IR Series: Radial Leaded, Low to Medium Current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

IRB0608 Datasheet(HTML) 2 Page - RFE international

  IRB0608 Datasheet HTML 1Page - RFE international IRB0608 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C4C04
REV 2002.06.24
L
Tol
Test Freq Rdc Max
Idc
Tol
Test Freq Rdc Max
Idc
Tol
Test Freq Rdc Max
Idc
Tol
Test Freq Rdc Max
Idc
Code
(mH)
Code
(MHz)
(W)
(A)
Code
(MHz)
(W)
(A)
Code
(KHz)
(W)
(A)
Code
(KHz)
(W)
(A)
4R7
4.7
J
7.96
0.050
4.7
150
15
J, K
0.001
0.050
3.0
200
20
J, K
0.001
0.042
2.5
600
60
K
.001
.001
.001
.001
.001
0.08
3
800
80
K
0.18
2
101
100
J, K
0.001
0.180
1.2
K
1
0.1
3.0
151
150
J, K
0.001
0.270
1.0
K
0.20
1.5
161
160
K
0.20
271
270
K
0.30
301
300
K
1
0.35
1.5
371
370
K
1
0.35
1.2
451
450
K
1
0.35
1.0
501
500
K
1
0.22
1.5
551
550
K
1
0.35
1.0
K
1
0.30
1.5
561
560
K
1
0.49
1.0
801
800
K
1
0.5
0.7
202
2000
J, K
0.001
4.400
0.3
302
3000
K
1
2.65
0.3
402
4000
K
1
2.65
0.25
153
15000
K
0.001
14.300
IRB1012
IRB1212
IRB1727
IRB1415
Tolerances: J = ±5%, K = ±10%, M = ±20%
•Low to medium current applications
•Up to 0910 sizes can be taped
FEATURES
HOW TO MAKE A PART NUMBER
IR B 0910 - 470 K R
Series
Protective Coating
B - Shrink tube
Size
Inductance Code
Tolerance
J = ±5%
K = ±10%
M = ±20%
Packaging
R - Tape & Reel
A - Tape & Ammo
Omit for Bulk
Physical Dimensions (mm)
Part Number
A max B max C min E max
F ±1
W
IRB1012
10
12
7
2
7.5
0.80
IRB1212
12
12
7
2
7.5
0.80
IRB1415
14
15
7
2
10
0.80
IRB1727
17
27
7
2
7.5
0.80
THRU-HOLE INDUCTORS
IR Series: Radial Leaded, Low to Medium Current
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com