Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXQ Datasheet(PDF) 2 Page - RFE international

Part # RXQ
Description  ALUMINUM ELECTROLYTIC CAPACITORS RXQ Series: 105C, up to 10,000 hours
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RXQ Datasheet(HTML) 2 Page - RFE international

  RXQ Datasheet HTML 1Page - RFE international RXQ Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C1CD06
2008.2.19
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
DIMENSIONS & PERMISSIBLE RIPPLE CURRENT
Ripple Current: mA/rms at 105°C
V.DC
120Hz 100kHz
120Hz 100kHz
120Hz 100kHz
10 x 16
125
315
10 x 16
125
315
10 x 20
140
350.00
10 x 20
200
500
10 x 20
200
500
10 x 20
200
500
10 x 20
250
625
10 x 20
260
650
12.5 x 20
320
800
10 x 20
300
750
12.5 x 20
390
975
12.5 x 20
390
975
12.5 x 20
470
1175
12.5 x 20
470
1175
16 x 20
520
1300
12.5 x 20
510
1275
16 x 20
550
1375
16 x 20
550
1,375
12.5 x 25
620
1,395
16 x 20
630
1,420
16 x 25
680
1,530
16 x 20
630
1,420
16 x 20
770
1,735
16 x 25
840
1,890
18 x 25
860
1,935
16 x 25
1,020
2,295
18 x 25
1,050
2,365
18 x 31.5
1,130
2545
18 x 31.5
1,390
3,130
18 x 35.5
1,430
3,220
330
220
47
68
82
100
150
10
22
33
µF
Item
200V (2D)
jD x L
Ripple Current
160V (2C)
Ripple Current
jD x L
Ripple Current
250V (2E)
jD x L
V.DC
120Hz 100kHz
120Hz 100kHz
120Hz 100kHz
10 x 16
110
275
10 x 16
110
275
10 x 20
110
275
10 x 20
140
350
10 x 20
140
350
12.5 x 20
180
450
13 x 20
260
650
13 x 20
260
650
16 x 20
290
725
16 x 20
360
900
16 x 20
360
900
16 x 25
390
975
18 x 20
380
950
16 x 20
430
1,075
16 x 25
470
1,175
18 x 25
480
1,200
18 x 20
450
1,125
16 x 25
560
1,400
18 x 25
585
1,465
18 x 31.5
630
1,575
18 x 20
550
1,375
18 x 25
610
1,525
18 x 25
610
1,525
18 x 35.5
715
1,785
18 x 25
700
1,575
18 x 31.5
765
1,720
18 x 40
800
1,800
18 x 31.5
830
1,865
18 x 35.5
865
1,945
18 x 35.5
960
2,160
18 x 40
985
2,215
100
120
150
33
47
68
82
Ripple Current
6.8
10
22
jD x L
µF
350V (2V)
400V (2G)
450V (2W)
Item
Ripple Current
jD x L
Ripple Current
jD x L
ALUMINUM ELECTROLYTIC CAPACITORS
RXQ Series: 105C, up to 10,000 hours



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com