Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXZ Datasheet(PDF) 1 Page - RFE international

Part # RXZ
Description  ALUMINUM ELECTROLYTIC CAPACITORS RXZ Series: Low ESR Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RXZ Datasheet(HTML) 1 Page - RFE international

  RXZ Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
ALUMINUM ELECTROLYTIC CAPACITORS
RXZ Series: Low ESR Type
SPECIFICATIONS
C1CD08
2004.7.23
DIMENSIONS & PERMISSIBLE RIPPLE CURRENT
Impedence: W at 100KHz, 20°C
Ripple Current: mA/rms at 100Hz, 105°C
DIMENSIONS
Unit: mm
105C, 2000 hours assured, Low Impedance type.
Enabled high ripple current by a reduction of ESR high
frequency range, suitable for computer motherboard.
•
Operating Temp.
Capacitance Toloerance
Leakage Current
(at 20°C)
± 20% (120Hz, 20°C)
Dissipation Factor
Tan d at 120Hz, 20°C
Low Temperature
Characteristics (at 120Hz)
Load Life Test
Test Time
Capacitance Change
Dissipation Factor
Leakage Current
Ripple Current &
Frequency Multipliers
Standards
Item
Performance
-40°C ~ +105°C
I = 0.01CV or 3 (mA) whichever is smaller (after 2 minutes)
Where, C= rated capacitance in
. V= rated DC working voltage in V.
mF
Shelf Life Test
Satisfies Characteristic JIS C 5101-4
2000 hours
Within ±25% of initial value
Less than 200% of specified value
Within specified value
120
1K
0.8
0.9
10K
100K up
1.0
Rated Voltage
Tan d (max)
6.3
0.22
10
0.19
16
0.16
Rated Voltage
Impedance
Ratio
Z(-25°C)/Z(+20°C)
Z(-40°C)/Z(+20°C)
Impedance ratio shall not exceed
the values given in the table.
6.3
2
3
10
16
Test time: 1000 hours; other items are the same as those for load life test.
0.5
The above specifications shall be satisfied when capacitors are restored to 20°C after
voltage with rated rippled current applied for 2000 hours at 105°C.
When the capacitance exceeds 1000mF,
0.02 shall be added every 1000mF increase.
2
3
2
3
Frequency (Hz)
Coefficient
jD
P
jd
a
b
0.6
0.5
8
10
0.5
5.0
1.0
1.5
V.DC
6.3V (0J)
jD x L
Item
8 x 11.5
8 x 16
8 x 20
10 x 12.5
10 x 16
10 x 20
10 x 23
1200
820
1800
1500
1800
2200
3300
0.04
0.028
0.019
0.026
0.019
0.013
0.012
1140
1490
1870
1540
2000
2550
2800
0.04
0.028
0.019
0.026
0.019
0.013
0.012
1140
1490
1870
1540
2000
2550
2800
0.04
0.028
0.019
0.026
0.019
0.013
0.012
1140
1490
1870
1540
2000
2550
2800
680
1000
1500
1000
1500
1800
2200
470
680
1000
680
1000
1500
1800
10V (1A)
16V (1C)
Ripple
Current
Impedance
mF
Ripple
Current
Impedance
mF
Ripple
Current
Impedance
mF
* These units are made with Flat (non-vented) rubber bung.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü


Similar Part No. - RXZ

ManufacturerPart #DatasheetDescription
logo
Surge Components
RXZ SURGE-RXZ Datasheet
343Kb / 1P
rohs compliance
logo
Schneider Electric
RXZE14P SCHNEIDER-RXZE14P Datasheet
208Kb / 5P
Harmony, Push-in socket with clamp, for RXM relays, 12 A/2 CO, 6 A/4 CO, push-in terminals, separate contact
Aug 25, 2021
RXZE2M114 SCHNEIDER-RXZE2M114 Datasheet
65Kb / 2P
Socket, mixed contact, screw clamp terminals
Aug 13, 2020
RXZE2M114M SCHNEIDER-RXZE2M114M Datasheet
65Kb / 2P
Socket, mixed contact, connector connection,
Aug 13, 2020
RXZE2S108M SCHNEIDER-RXZE2S108M Datasheet
71Kb / 3P
socket RXZ - separate contact - 12 A - < 250 V - connector - for relay RXM2..
More results

Similar Description - RXZ

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGO183M005L CDE-CGO183M005L Datasheet
211Kb / 2P
Ultra Low ESR Screw Terminal Aluminum Electrolytic Extremely Low ESR, Low Voltage, Screw Terminal Capacitors
ESR820M0G1316 CDE-ESR820M0G1316 Datasheet
41Kb / 3P
TYPE ESR SURFACE MOUNT POLYMER ALUMINUM ELECTROLYTIC CAPACITORS.
logo
RFE international
RXB RFE-RXB Datasheet
82Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RXB Series: Low ESR, High Temperature
RXH RFE-RXH Datasheet
117Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS RXH Series: Low Impedance Type
RXK221M1HBK100250 RFE-RXK221M1HBK100250 Datasheet
145Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS RXK Series: Radial Low Impedance & ESR
RXW102M1CBK100200 RFE-RXW102M1CBK100200 Datasheet
159Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS RXW Series: Low ESR Type
RZD102M1CBK100200 RFE-RZD102M1CBK100200 Datasheet
120Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS RZD Series: Radial Low ESR
RZF RFE-RZF Datasheet
107Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS RZF Series: Low Impedance Type
RZY RFE-RZY Datasheet
145Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS RZY Series: Low Impedance Type
logo
Cornell Dubilier Electr...
SXR CDE-SXR Datasheet
127Kb / 6P
Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com