Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZF Datasheet(PDF) 2 Page - RFE international

Part # RZF
Description  ALUMINUM ELECTROLYTIC CAPACITORS RZF Series: Low Impedance Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RZF Datasheet(HTML) 2 Page - RFE international

  RZF Datasheet HTML 1Page - RFE international RZF Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS & PERMISSIBLE RIPPLE CURRENT
Impedence: W at 100KHz, 20°C
Ripple Current: mA/rms at 100Hz, 105°C
RFE International • Tel:(949)583-0808 • Fax:(949)583-9898 • E-Mail Sales@rfeinc.com
RFE International • Tel:(949)583-0808 • Fax:(949)583-9898 • E-Mail Sales@rfeinc.com
ALUMINUM ELECTROLYTIC CAPACITORS
RZF Series: Low Impedance Type
V.DC
Item
jD x L
25V (1E)
mF
Impedance
(W, Max/100K Hz)
Ripple Current
(mA/rms, 105°C)
35V (1V)
mF
5 x 11
6.3 x 11
8 x 11.5
8 x 15
8 x 20
10 x 12.5
10 x 16
10 x 20
10 x 25
12.5 x 20
12.5 x 25
12.5 x 30
12.5 x 35
16 x 25
20°C
-10°C
120Hz 100KHz
Impedance
(W, Max/100K Hz)
Ripple Current
(mA/rms, 105°C)
20°C
-10°C
120Hz 100KHz
12.5 x 40
10 x 30
6.3 x 15
16 x 31.5
16 x 35.5
18 x 35.5
16 x 40
18 x 35.5
0.38
0.27
0.20
0.16
0.11
0.12
0.084
0.062
0.052
0.040
0.046
0.034
0.030
0.027
0.024
0.028
0.025
0.95
0.68
0.50
0.40
0.28
0.30
0.21
0.16
0.13
0.11
0.12
0.075
0.085
0.068
0.060
0.070
0.063
255
330
415
495
640
625
825
1040
1260
1440
1340
1690
1950
2200
2390
2070
2350
0.72
1.8
165
0.38
0.27
0.20
0.16
0.11
0.12
0.084
0.062
0.052
0.044
0.046
0.034
0.030
0.027
0.024
0.028
0.025
0.95
0.68
0.50
0.40
0.28
0.30
0.21
0.16
0.13
0.11
0.12
0.075
0.085
0.068
0.060
0.070
0.063
255
330
415
495
640
625
825
1040
1260
1440
1340
1690
1950
2200
2390
2070
2350
0.72
1.8
116
0.022
0.055
2550
0.018
0.045
2900
0.021
0.053
2660
0.017
0.043
3010
0.022
0.055
2550
0.018
0.045
2900
0.021
0.053
2660
0.010
0.043
3010
39
82
120
150
220
330
180
330
470
560
820
820
1000
1500
1800
2200
1800
2700
3300
3900
3900
4700
165
179
231
291
347
448
438
578
832
1008
1152
1072
1352
1755
1980
2151
1863
2115
2295
2610
2394
2709
27
56
82
120
180
220
120
220
330
390
560
560
680
1000
1200
1200
1500
1800
2200
2700
3300
2700
91
179
231
291
347
448
438
578
728
1008
1152
1072
1352
1560
1980
2151
1863
2115
2295
2610
2394
2709
V.DC
Item
jD x L
6.3V (0J)
mF
Impedance
(W, Max/100K Hz)
Ripple Current
(mA/rms, 105°C)
10V (1A)
mF
16V (1C)
mF
5 x 11
6.3 x 11
8 x 11.5
8 x 15
8 x 20
10 x 12.5
10 x 16
10 x 20
10 x 25
12.5 x 20
12.5 x 25
12.5 x 30
12.5 x 35
16 x 25
20°C
-10°C
120Hz 100KHz
Impedance
(W, Max/100K Hz)
Ripple Current
(mA/rms, 105°C)
20°C
-10°C
120Hz 100KHz
Impedance
(W, Max/100K Hz)
Ripple Current
(mA/rms, 105°C)
20°C
-10°C
120Hz 100KHz
12.5 x 40
10 x 30
6.3 x 15
16 x 31.5
16 x 35.5
18 x 35.5
16 x 40
120
220
330
390
560
820
470
680
1200
1500
2200
2200
2700
3900
4700
5600
5600
6800
0.72
1.8
116
165
0.38
0.27
0.20
0.16
0.11
0.12
0.084
0.062
0.052
0.044
0.046
0.034
0.030
0.027
0.024
0.028
0.025
0.95
0.68
0.50
0.40
0.28
0.30
0.21
0.16
0.13
0.11
0.12
0.075
0.085
0.068
0.060
0.070
0.063
179
231
332
396
512
500
660
936
1134
1296
1206
1521
1755
1980
2151
1863
2115
255
330
415
495
640
625
825
1040
1260
1440
1340
1690
1950
2200
2390
2070
2350
0.38
0.27
0.20
0.16
0.11
0.12
0.084
0.062
0.052
0.044
0.046
0.034
0.030
0.027
0.024
0.028
0.025
0.95
0.68
0.50
0.40
0.28
0.30
0.21
0.16
0.13
0.11
0.12
0.075
0.085
0.068
0.060
0.070
0.063
179
231
291
396
512
500
660
832
1134
1296
1206
1521
1755
1980
2151
1863
2115
255
330
415
495
640
625
825
1040
1260
1440
1340
1690
1950
2200
2390
2070
2350
0.72
1.8
116
165
0.38
0.27
0.20
0.16
0.11
0.12
0.084
0.062
0.052
0.044
0.046
0.034
0.030
0.027
0.024
0.028
0.025
0.95
0.68
0.50
0.40
0.28
0.30
0.21
0.16
0.13
0.11
0.12
0.075
0.085
0.068
0.060
0.070
0.063
179
231
332
396
512
500
660
936
1134
1296
1206
1521
1755
1980
2151
1863
2115
255
330
415
495
640
625
825
1040
1260
1440
1340
1690
1950
2250
2390
2070
2350
0.72
1.8
116
165
0.022
0.055
2295
2550
0.022
0.055
2295
2550
0.018
0.045
2610
2900
0.021
0.053
2394
2660
82
180
270
330
470
680
390
680
1000
1200
1500
1800
2200
2700
3300
3900
3900
5600
6800
3900
4700
5600
6800
1200
1500
2200
2700
3300
2700
180
270
330
470
270
470
680
820
120
56
1200
C1CD12
REV 2004.8.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com